Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75LBC976DLR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN75LBC976DLR
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976DLR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN75LBC976DLR Datasheet HTML 8Page - Texas Instruments SN75LBC976DLR Datasheet HTML 9Page - Texas Instruments SN75LBC976DLR Datasheet HTML 10Page - Texas Instruments SN75LBC976DLR Datasheet HTML 11Page - Texas Instruments SN75LBC976DLR Datasheet HTML 12Page - Texas Instruments SN75LBC976DLR Datasheet HTML 13Page - Texas Instruments SN75LBC976DLR Datasheet HTML 14Page - Texas Instruments SN75LBC976DLR Datasheet HTML 15Page - Texas Instruments SN75LBC976DLR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
1.6
1.5
1.3
1.2
1.1
2
1.4
0
10
20304050
60
1.8
1.7
1.9
2.1
70
80
90
100
IOL − Low-Level Output Current − mA
DRIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
DRIVER
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
3.75
3.5
3
2.75
2.5
4.75
3.25
0
− 10 − 20 − 30 − 40 − 50 − 60
4.25
4
4.5
5
− 70 − 80 − 90
IOH − High-Level Output Current − mA
VCC = 5 V
VCC = 5.25 V
VCC = 4.75 V
B+ and B −
VCC = 5 V
B+ and B −
Figure 10
Figure 11
2
1
0
0
10
20304050
60
3
4
5
70
80
90
100
DRIVER
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO − Output Current − mA
TA = 25°C
VCC = 5 V
VCC = 5.25 V
VCC = 4.75 V
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com