Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNC11B Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNC11B
Description  One Channel Direct Drive Speech Controller?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC11B Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNC11B Datasheet HTML 3Page - SONiX Technology Company SNC11B Datasheet HTML 4Page - SONiX Technology Company SNC11B Datasheet HTML 5Page - SONiX Technology Company SNC11B Datasheet HTML 6Page - SONiX Technology Company SNC11B Datasheet HTML 7Page - SONiX Technology Company SNC11B Datasheet HTML 8Page - SONiX Technology Company SNC11B Datasheet HTML 9Page - SONiX Technology Company SNC11B Datasheet HTML 10Page - SONiX Technology Company SNC11B Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SNC11B
One Channel Direct Drive Speech Controller
8 FOSC Performance
ROSC frequency vs VDD (Typical value, R=120K
Ω)
1.5
2
2.5
3
23
4.5
5.5
VDD (Voltage)
120k
ROSC frequency vs. VDD (For various R)
1.5
2
2.5
3
23
4.5
5.5
VDD (Voltage)
100k
110k
120k
130k
150k
Ver: 1.1
August 26, 2003
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com