Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNC11B Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC11B
Description  One Channel Direct Drive Speech Controller?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC11B Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC11B Datasheet HTML 1Page - SONiX Technology Company SNC11B Datasheet HTML 2Page - SONiX Technology Company SNC11B Datasheet HTML 3Page - SONiX Technology Company SNC11B Datasheet HTML 4Page - SONiX Technology Company SNC11B Datasheet HTML 5Page - SONiX Technology Company SNC11B Datasheet HTML 6Page - SONiX Technology Company SNC11B Datasheet HTML 7Page - SONiX Technology Company SNC11B Datasheet HTML 8Page - SONiX Technology Company SNC11B Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SNC11B
One Channel Direct Drive Speech Controller
5.7. DAC & PWM
SNC11B is an advanced chip to be designed having two optimal methods to play
out the voices. One is DAC and the other is PWM. Upon user’s applications, user
can select either DAC or PWM in his design. Please be aware that only one
method can be activated at a time.
DAC: A 7-bit current type digital-to-analog converter is built-in SNC11B. The
relationship between input digital data and output analog current signal is listed
in the following table. Also, the recommended application circuit is illustrated as
follows.
Input data
Typical value of output current (mA)
0
0
1
3/127
N
n*(3/127)
127
3
VCC
BUO1/VO
1K
DAC output
Ver: 1.1
August 26, 2003
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com