Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF-HDT-SJLS Datasheet(PDF) 8 Page - Texas Instruments

Part # RF-HDT-SJLS
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF-HDT-SJLS Datasheet(HTML) 8 Page - Texas Instruments

Back Button RF-HDT-SJLS Datasheet HTML 4Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 5Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 6Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 7Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 8Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 9Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 10Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 11Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
1.1
General
1.2
System Description
Reader
Tag-It HF-I Transponder
Antenna
1.3
Product Description
1.4
Functional Description
General
The Tag-it HF-I Pro Transponder IC is part of TI’s 13.56 MHz product family, which is based on the
ISO/IEC 15693 standard for contactless integrated circuit cards (vicinity cards) and ISO/IEC 18000-3
standard for item management. The Tag-it HF-I Pro Transponder IC builds the basis for various available
inlay shapes, which are used as consumable smart labels in markets requiring quick and accurate
identification of items, such as:
• asset tagging
• electronic ticketing
• anti-counterfeit prevention
• building access badges
User data is written to and read from memory blocks using a non-volatile EEPROM silicon technology.
Each block is separately programmable by the user and can be locked to protect data from modification.
Once the data has been ‘locked’ it can only be changed by the password protected write command.
Multiple transponders, which appear in the Readers RF field, can be identified, read from and written to by
using the Unique Identifier (UID), which is programmed and locked at the factory and can not be changed.
For operation, a reader with antenna is required to send a command to the transponder and to receive its
response (see Figure 1-1). The command of the Reader can be either in addressed or non-addressed
mode. The Transponder does not transmit data until the reader sends a request (Reader talks first
principle).
Figure 1-1. RFID System With Reader, Antenna, and Tag-it HF-I Transponder
The Tag-it HF-I Pro Transponder IC is compliant to the ISO/IEC 15693 and ISO/IEC 18000-3 standard. To
build a complete transponder, the Tag-it HF-I Pro Transponder IC has to build a resonance circuit with the
antenna it is assembled on (e.g., an etched aluminum antenna).
The Tag-it HF-I Pro Transponder IC is a low-power, full-duplex Transponder IC for use with passive
contactless identification transponder systems.
The transponder IC is designed to operate with a 13.56 MHz carrier frequency. The ISO standard defines,
for some communication parameters, several modes in order to meet different international radio
regulations and different application requirements. Therefore, communication between the reader and the
transponder (Down-Link communication) takes place using ASK modulation index between 10% and 30%
or 100% and datacoding (pulse position modulation) ‘1 out of 4’ or ‘1 out of 256’.
8
Introduction
SCBU045 (11-09-21-065) – October 2007
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com