Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF-HDT-SJLS Datasheet(PDF) 15 Page - Texas Instruments

Part # RF-HDT-SJLS
Description  Tag-it HF-I Pro Transponder IC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF-HDT-SJLS Datasheet(HTML) 15 Page - Texas Instruments

Back Button RF-HDT-SJLS Datasheet HTML 11Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 12Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 13Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 14Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 15Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 16Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 17Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 18Page - Texas Instruments RF-HDT-SJLS Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
www.ti.com
2.4
Bump Specification
NI/AU
AU
Bump Specification
Table 2-8. Bump Specification
Parameter
Value
Bump material
NI covered with AU, chemical process
AU
Bump height
25
μm
±10%
20
μm
±3 μm
Bump hardness
>HV 450
HV 35-80
Surface roughness
<1
μm
< 3
μm
Shear strength
>150 cN
>400 cN
Note:
Contact between the test pads and the antenna is not allowed as it can have an impact on
the electrical performance of the transponder.
Figure 2-3. Cross Section of Bump
SCBU045 (11-09-21-065) – October 2007
Specification
15
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com