Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B82442T1124K050 Datasheet(PDF) 7 Page - EPCOS

Part # B82442T1124K050
Description  SMT inductors ??SIMID series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442T1124K050 Datasheet(HTML) 7 Page - EPCOS

  B82442T1124K050 Datasheet HTML 1Page - EPCOS B82442T1124K050 Datasheet HTML 2Page - EPCOS B82442T1124K050 Datasheet HTML 3Page - EPCOS B82442T1124K050 Datasheet HTML 4Page - EPCOS B82442T1124K050 Datasheet HTML 5Page - EPCOS B82442T1124K050 Datasheet HTML 6Page - EPCOS B82442T1124K050 Datasheet HTML 7Page - EPCOS B82442T1124K050 Datasheet HTML 8Page - EPCOS B82442T1124K050 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SMT inductors – SIMID series
B82442T
SIMID 2220-T
Please read Cautions and warnings and
Page 7 of 9
2010-07-05
Important notes at the end of this document
.
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent
4294A/E4991A, typical values at 20 °C
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4285A,
typical values at 20 °C
Q factor versus frequency f
measured with impedance analyzer Agilent
4294A/E4991A, typical values at 20 °C
Current derating IOP/IR
versus ambient temperature TA
(rated temperature TR = 85 °C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com