Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B82442T1124K050 Datasheet(PDF) 4 Page - EPCOS

Part # B82442T1124K050
Description  SMT inductors ??SIMID series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82442T1124K050 Datasheet(HTML) 4 Page - EPCOS

  B82442T1124K050 Datasheet HTML 1Page - EPCOS B82442T1124K050 Datasheet HTML 2Page - EPCOS B82442T1124K050 Datasheet HTML 3Page - EPCOS B82442T1124K050 Datasheet HTML 4Page - EPCOS B82442T1124K050 Datasheet HTML 5Page - EPCOS B82442T1124K050 Datasheet HTML 6Page - EPCOS B82442T1124K050 Datasheet HTML 7Page - EPCOS B82442T1124K050 Datasheet HTML 8Page - EPCOS B82442T1124K050 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SMT inductors – SIMID series
B82442T
SIMID 2220-T
Please read Cautions and warnings and
Page 4 of 9
2010-07-05
Important notes at the end of this document
.
Technical data and measuring conditions
Rated inductance LR
Measured with impedance analyzer Agilent 4294A
at frequency fL, 0.1 V, 20 °C
Q factor Qmin
Measured with impedance analyzer Agilent 4294A
at frequency fQ, 20 °C
Rated temperature TR
85 °C
Rated current IR
Maximum permissible DC with temperature increase
of ≤ 65 K at rated temperature
Saturation current Isat
Maximum permissible DC with inductance decrease
∆L/L0 ≤ 10%, 20 °C
Self-resonance frequency fres,min
Measured with network analyzer Agilent 8753D, 20 °C
DC resistance Rmax
Measured at 20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245 ±5) °C, (5 ±0.3) s
Wetting of soldering area ≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
260 °C, 40 s (as referenced in JEDEC J-STD 020C)
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted: –55 °C … +150 °C
Packaged: –25 °C … +40 °C, ≤ 75% RH
Weight
Approx. 0.4 g



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com