Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39LF100 Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

Part # SST39LF100
Description  1 Mbit (64K x16) Multi-Purpose Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF100 Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST39LF100 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 22Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
1 Mbit Multi-Purpose Flash
SST39LF100 / SST39VF100
19
©2001 Silicon Storage Technology, Inc.
S71129-02-000
6/01
363
PRODUCT ORDERING INFORMATION
Valid combinations for SST39LF100
SST39LF100-45-4C-WI
SST39LF100-45-4C-B3K
Valid combinations for SST39VF100
SST39VF100-70-4C-WI
SST39VF100-70-4C-B3K
SST39VF100-70-4I-WI
SST39VF100-70-4I-B3K
Note:
Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
Device
Speed
Suffix1
Suffix2
SST39xF100
-XXX
-XX
-XX
Package Modifier
I = 40 leads
K = 48 balls
Numeric = Die modifier
Package Type
W = TSOP (10mm x 14mm)
B3 = TFBGA (0.8mm pitch, 6mm x 8mm)
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Read Access Speed
45 = 45 ns
70 = 70 ns
Device Density
100 = 1 Megabit
Voltage
L = 3.0-3.6V
V = 2.7-3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com