Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SST39LF100 Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST39LF100
Description  1 Mbit (64K x16) Multi-Purpose Flash
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF100 Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST39LF100 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST39LF100 Datasheet HTML 22Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
1 Mbit Multi-Purpose Flash
SST39LF100 / SST39VF100
21
©2001 Silicon Storage Technology, Inc.
S71129-02-000
6/01
363
48-BALL THIN-PROFILE, FINE-PITCH BALL GRID ARRAY (TFBGA) 6MM X 8MM
SST PACKAGE CODE: B3K
A1 CORNER
H G F E D C B A
A B C D E F G H
BOTTOM VIEW
TOP VIEW
SIDE VIEW
6
5
4
3
2
1
6
5
4
3
2
1
SEATING PLANE
0.35 ± 0.05
1.10 ± 0.10
0.15
6.00 ± 0.20
0.45 ± 0.05
(48X)
A1 CORNER
8.00 ± 0.20
0.80
4.00
0.80
5.60
48ba-TFBGA-B3K-6x8-450mic-ILL.0
Note:
1. Although many dimensions are similar to those of JEDEC Publication 95, MO-210,
this specific package is not registered.
2. All linear dimensions are in millimeters (min/max).
3. Coplanarity: 0.1 (±.05) mm.
4. The actual shape of the corners may be slightly different than as portrayed in the drawing.
1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com