Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001LEVALZ Datasheet(PDF) 28 Page - Intersil Corporation

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KMB-001LEVALZ Datasheet(HTML) 28 Page - Intersil Corporation

Back Button KMB-001LEVALZ Datasheet HTML 24Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 25Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 26Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 27Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 28Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 29Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 30Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 31Page - Intersil Corporation KMB-001LEVALZ Datasheet HTML 32Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ISLA224P12
28
FN7983.3
August 17, 2012
73
output_mode_A
Output Mode [7:5]
000 = LVDS 3mA (Default)
001 = LVDS 2mA
100 = LVCMOS
Other codes = Reserved
Output Format [2:0]
000 = Two’s Complement (Default)
010 = Gray Code
100 = Offset Binary
Other codes = Reserved
00h
NOT reset by
Soft Reset
74
output_mode_B
DLL Range
0 = Fast
1 = Slow
Default=’0
’
00h
NOT reset by
Soft Reset
75-B5
Reserved
Reserved
B6
cal_status
Calibration
Done
Read Only
B7-BF
Reserved
C0
test_io
Output Test Mode [7:4]
User Test Mode [2:0]
0 = user pattern 1-2
1 = cycle pattern 1 through 4
2 = cycle pattern 1 through 6
3 = cycle pattern 1 through 8
4-7 = NA
00h
0 = Off (Note 14)
1 = Midscale Short
2 = +FS Short
3 = -FS Short
4 = Checkerboard (Note 15)
5-6 = Reserved
7 = All on/ off (Note 16)
8 = User Pattern (1 to 8 deep)
9 = Reserved
10 = Ramp
11-15 = Reserved
C1
user_patt1_lsb
B7
B6
B5
B4
B3
B2
B1
B0
0x00
C2
user_patt1_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C3
user_patt2_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
C4
user_patt2_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C5
user_patt3_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
C6
user_patt3_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C7
user_patt4_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
C8
user_patt4_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
C9
user_patt5_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
CA
user_patt5_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
CB
user_patt6_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
CC
user_patt6_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
CD
user_patt7_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
CE
user_patt7_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
CF
user_patt8_lsb
B7
B6
B5
B4
B3
B2
B1
B0
00h
D0
user_patt8_msb
B15
B14
B13
B12
B11
B10
B9
B8
00h
D1-FD
Reserved
Reserved
FE
Offset/Gain_Adjust_Enable
Enable
‘1’=Enable
00h
FF
Reserved
NOTES:
14. During Calibration xCCCC (MSB justified) is presented at the output data bus, toggling on the LSB (and higher) data bits occurs at completion of
calibration. This behavior can be used as an option to determine calibration state.
15. Use test_io = 0x41 for Checkerboard outputs on DDR Outputs.
16. Use test_io = 0x71 for all ones/zeroes outputs on DDR Outputs.
SPI Memory Map (Continued)
ADDR.
(Hex)
PARAMETER NAME
BIT 7
(MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(LSB)
DEF. VALUE
(HEX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com