Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POE75U-1UP-N-R Datasheet(PDF) 14 Page - Phihong USA Inc.

Part # POE75U-1UP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE75U-1UP-N-R Datasheet(HTML) 14 Page - Phihong USA Inc.

Back Button POE75U-1UP-N-R Datasheet HTML 10Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 11Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 12Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 13Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 14Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 15Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 16Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 17Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 18Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-14-
2.3
Midspan Accessories
2.3.1 Rack Mounting Options/AC Power Cord
All multiport midspans may be rack mounted on a 19”1U rack in either single or double unit mounts
(Small footprint multiport midspans). To position the Midspan on the rack; arrange the mounting bracket
to the corresponding screw holes on the Midspan. Keep the screw area visible to insert screws, and
then tighten the screws. Screws and brackets will be included in the package. For replacement parts
contact Phihong for part number POE125U-ACCY01-R.
Figure 13: Single Unit Rack Mount
Figure 14: Two Units in Side by Side Rack Mounting
Figure 15: Rack Mounted 19” Midspan
Figure 16: Mounting Bracket
Figure 17: AC Power Cord*
The AC power cable is connected to the
AC power connector located in the rear
side of the Midspan and the power outlet.
*AC Power Cord may be ordered seperately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com