Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POE75U-1UP-N-R Datasheet(PDF) 16 Page - Phihong USA Inc.

Part # POE75U-1UP-N-R
Description  Phihong Midspan POE with TCPIP (SNMPv2c)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE75U-1UP-N-R Datasheet(HTML) 16 Page - Phihong USA Inc.

Back Button POE75U-1UP-N-R Datasheet HTML 12Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 13Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 14Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 15Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 16Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 17Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 18Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 19Page - Phihong USA Inc. POE75U-1UP-N-R Datasheet HTML 20Page - Phihong USA Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Phihong USA Corporation • 47800 Fremont Blvd. Fremont, CA 94538 • Tel: 1.510.445.0100 Fax: 1.510.445.1678
www.phihong.com or www.midspans.com
-16-
Power up Midspan:
In order to power up your midspan insert an AC power cord into the appropriate connector on the rear
of your midspan. Once the cord is connected to a universal or redundant power source the midspan
will turn on.
With AC power applied, the unit starts-up and all LEDs should illuminate. The device runs through
a quick power-on test, which takes a couple of seconds. During this period, all ports are initially
disabled and the port indicators light up. After completing the cold start, ports will operate under
normal conditions and the unit is ready to connect to powered devices.
2.5
LED Indicators:
Port LED:
Model POE75U-1UP-N-R has three LED indicators labeled “ON”, “FAULT”, and “CONNECT”. The
“ON” LED will illuminate a solid green to indicate that the AC connection is good and that unit is
sufficiently powered. The “CONNECT” LED will illuminate solid green if it detects a device that requires
more than 33.6W of power (12.5K-resistance). The “CONNECT” LED will illuminate a blinking green if
it detects a device requiring less than 33.6W of power (25K resistance) and will power in IEEE802.3at
mode. Should a fault occur with the connections; the yellow Fault LED will blink till the error is resolved.
For a full description of the LED diagnostics, please review the individual product datasheet on www.
phihong.com or www.midspans.com.
For the series of multiport midspans, for each port the left LED (as viewed from front) will be blinking
(green) if 25K-resistance load is detected, meaning that the powered device requires less than 33.6W
of power and the midspan has powered in “IEEE802.3at mode”. The LED will illuminate in solid green
if the powered device requires more than 33.6W of PoE and the midspan has powered up in Full
Power mode. The right LED will blink Yellow if a fault has occurred with the connection. No LEDs will
illuminate if the port is not connected.
NIC LED:
If both LEDs are off, it indicates that Midspan is disconnected from the network.
If the green LED is illuminated and the orange LED blinks, it indicates the Midspan is properly connected
to the network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com