Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL-LX3052GD Datasheet(PDF) 23 Page - Texas Instruments

Part # SSL-LX3052GD
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SSL-LX3052GD Datasheet(HTML) 23 Page - Texas Instruments

Back Button SSL-LX3052GD Datasheet HTML 19Page - Texas Instruments SSL-LX3052GD Datasheet HTML 20Page - Texas Instruments SSL-LX3052GD Datasheet HTML 21Page - Texas Instruments SSL-LX3052GD Datasheet HTML 22Page - Texas Instruments SSL-LX3052GD Datasheet HTML 23Page - Texas Instruments SSL-LX3052GD Datasheet HTML 24Page - Texas Instruments SSL-LX3052GD Datasheet HTML 25Page - Texas Instruments SSL-LX3052GD Datasheet HTML 26Page - Texas Instruments SSL-LX3052GD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
Appendix A
To allow firmware to be downloaded through USB, U4 is connected to the microcontroller bootstrap loader
pins. The DTR and RTS pins are connected to the RST and TCK inputs on the microcontroller to allow the
serial bootstrap loader to operate. These lines are not isolated; instead, they are switched through SW9,
which also connects USB ground and power to the microcontroller ground and power. Normally this switch
is open; it is only switched on when firmware is to be downloaded through USB. This feature also protects
the microcontroller from unknown states on these pins at power-up.
Appendix A Schematic and Layout
The printed circuit board (PCB) layouts for the top and bottom sides of the ADS1x31REF are shown in
Figure 9 through Figure 12, respectively. Schematics for the ADS1x31REF are shown in Section A.3. The
bill of materials is provided in Table 9.
A.1
Bill of Materials
NOTE:
All components should be RoHS compliant. Some part numbers may be either leaded or
RoHS. Verify that purchased components are RoHS compliant.
Table 9. ADS1x31REF Bill of Materials
Item
No
ADS1131
ADS1231
Value
Ref Des
Description
Vendor
Part Number
1
1
1
BT1 (+)
9 Volt Battery Clip Female
Keystone
594
Electronics
2
1
1
BT1 (
–)
9 Volt Battery Clip Male
Keystone
593
Electronics
3
4
4
22pF
C1, C2, C16,
50V Ceramic Chip Capacitor,
±5%,
TDK
C1608C0G1H220J
C17
C0G
4
4
4
100pF
C29, C30,
16V PPS Film Chip Capacitor, 2%
Panasonic
ECH-U1C101GX5
C31, C32
5
4
4
100pF
C40, C41,
Filter High Frequency, 100pF
Murata
NFM21CC101U1H3D
C42, C43
6
5
5
0.01
μF
C5, C11,
50V Ceramic Chip Capacitor,
±10%,
TDK
C1608X7R1H103K
C13, C14,
X7R
C15
7
6
6
0.1
μF
C12, C21,
50V Ceramic Chip Capacitor,
±10%,
TDK
C1608X7R1H104K
C33 to C36
X7R
8
2
2
0.1
μF
C6, C7
16V PPS Film Chip Capacitor, 2%
Panasonic
ECH-U1C104GX5
9
3
3
1
μF
C9, C10, C22
16V Ceramic Chip Capacitor,
±10%,
TDK
C1608X7R1C105K
X7R
10
5
5
1
μF
C37, C38,
Filter High Frequency, 1.0
μF
Murata
NFM21PC105B1C3D
C39, C44,
C45
11
6
6
2.2
μF
C23 to C28
6.3V Ceramic Chip Capacitor,
±20%,
TDK
C1608X5R0J225M
X5R
12
1
1
4.7
μF
C3
16V Ceramic Chip Capacitor,
TDK
C2012Y5V1C475Z
+80/
–20%, Y5V
13
4
4
10
μF
C8, C18 to
16V Ceramic Chip Capacitor,
± 20%,
TDK
C3216X7R1C106M
C20
X7R
14
1
1
100
μF
C4
10V Tantalum Chip Capacitor,
±10%
Kemet
T494D107K010AT
15
1
1
D1
30V, 200mA Schottky Diode
Fairchild
BAT54
Semiconductor
16
1
1
D2
Green LED, SMD
Lumex
SSL-LX3052GD
17
1
1
J1
USB Type
'B' Socket
Mill-Max
897-43-004-90-000000
18
1
1
J2
2.5mm Power Jack
CUI
PJ-102BH
19
0
0
J3
2 X 7 Header
20
1
1
J6
1 X 6 Header
Samtec
TSW-106-07-G-S
21
2
2
J7, J8
1 X 2 Header
Samtec
TSW-102-07-G-S
22
1
1
J4
3.5mm PCB Terminal Block, 4 position
On Shore
ED555/4DS
Technology
23
SBAU175A
– July 2010 – Revised August 2011
Schematic and Layout
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com