Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSL-LX3052GD Datasheet(PDF) 28 Page - Texas Instruments

Part # SSL-LX3052GD
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SSL-LX3052GD Datasheet(HTML) 28 Page - Texas Instruments

Back Button SSL-LX3052GD Datasheet HTML 23Page - Texas Instruments SSL-LX3052GD Datasheet HTML 24Page - Texas Instruments SSL-LX3052GD Datasheet HTML 25Page - Texas Instruments SSL-LX3052GD Datasheet HTML 26Page - Texas Instruments SSL-LX3052GD Datasheet HTML 27Page - Texas Instruments SSL-LX3052GD Datasheet HTML 28Page - Texas Instruments SSL-LX3052GD Datasheet HTML 29Page - Texas Instruments SSL-LX3052GD Datasheet HTML 30Page - Texas Instruments SSL-LX3052GD Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
P1.0/TA0
87
P1.1/TA0/MCLK
86
P1.2/TA1
85
P1.3/TBOUTH/SVSOUT
84
P1.4/TBCLK/SMCLK
83
P1.5/TACLK/ACLK
82
P1.6/CA0
81
P1.7/CA1
80
P2.0/TA2
79
P2.1/TB0
78
P2.2/TB1
77
P2.3/TB2
76
P4.3/SIMO1/S38
50
P4.4/SOMI1/S37
49
P4.5/UCLK1/S36
48
P4.6/S35
47
P4.7/S34
46
XT2OUT
88
XT2IN
89
TDO/TDI
90
TDI/TCLK
91
TMS
92
TCK
93
RST/NMI
94
P6.0/A0
95
P6.1/A1
96
P6.2/A2
97
AVSS
98
DVSS1
99
AVCC
100
S14
26
S15
27
S16
28
S17
29
S18
30
S19
31
S20
32
S21
33
S22
34
S23
35
S24
36
S25
37
S26
38
S27
39
S28
40
S29
41
S30
42
S31
43
S32
44
S33
45
U5
MSP430F449IPZ
R19
221K
R20
221K
R21
221K
C13
0.01uF
C14
0.01uF
C15
0.01uF
+3.3VD
R22
200K
SW2
RANGE
SW3
TARE
SW4
CAL
SW5
CONFIG
+3.3VD
R7
10K
R8
10K
R9
10K
C25
2.2uF
+3.3VD
2
4
6
1
3
5
7
8
9
10
11
12
13
14
J3
HEADER-7X2
+3.3VD
SW6
RESET
+3.3VD
LCD1
LCD_DISPLAY
TDO/TDI
TDI/CLK
TMS
TCK
RST
BSLRX
BSLTX
MCURX
MCUTX
S(38)
S(37)
S(36)
S(35)
S(34)
S(33)
S(32)
S(31)
S(30)
S(29)
S(28)
S(27)
S(26)
S(25)
S(24)
S(23)
S(22)
S(21)
S(20)
S(19)
S(18)
S(17)
S(16)
S(15)
S(14)
C5
0.01uF
C23
2.2uF
C24
2.2uF
SW8
NKK_SS12SDP2
R16
10K
+3.3VD
R18
47K
DOUT
TP18
MCURX
TP8
MCUTX
SIMO0
TP7
DNP
RST
TCK
X2
EPS_C-002RX 32.7680K-A:PBFREE
TP5
P1.4/SMCLK
VCC
1
D-
2
D+
3
GND
4
J1
USB SLAVE CONN
CTS
13
DCD
15
DSR
14
DTR
21
RTS
20
SIN/IR_SIN
17
SOUT/IR_SOUT
19
X2
26
X1/CLKI
27
CLKOUT
22
PUR
5
DP
6
DM
7
GND
8
GND
18
GND
28
RI/CP
16
TEST1
24
TEST0
23
U4
TUSB3410VF
R2
33
R3
33
R1
1.5K
C16
22pF
C17
22pF
X1
12MHz
C1
22pF
C2
22pF
C22
1uF
USB3.3V
USB3.3V
USB5V
R6
10K
C18
10uF
D2
GREEN
R11
220
L1
FERRITE BEAD
TP1
USB_CLK
R4
10K
R5
10K
C37
MUR_NFM21PC105F1C3D
SW1
USB RESET
TP2
RX
TX
RTS
DTR
C3
4.7uF
R17
20
FB/SENSE
1
RESET
2
EN
3
GND
4
IN
5
IN
6
OUT
7
OUT
8
U3
TPS77133DGK
2
4
U10
SN74LVC1G04DBV
2
4
U7
SN74LVC1G04DBV
USB3.3V
USB3.3V
USB3.3V
USB3.3V
USB3.3V
+3.3VD
+3.3VD
MCURX
MCUTX
TP16
RX
TP17
TX
VCC1
1
IN
2
VCC1
3
GND1
4
GND2
5
OUT
6
GND2
7
VCC2
8
U8
ISO721D
VCC1
1
IN
2
VCC1
3
GND1
4
GND2
5
OUT
6
GND2
7
VCC2
8
U9
ISO721D
C10
1uF
PROGRAMMING MODE
RST
TCK
+5V
USB5V
+5VA
C12
0.1uF
C21
0.1uF
C33
0.1uF
C34
0.1uF
C35
0.1uF
C36
0.1uF
SW9
ESW_EG4208
Schematics
www.ti.com
Figure 14. ADS1x31REF Schematic
—MCU
Figure 15. ADS1x31REF Schematic
—USB
28
Schematic and Layout
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com