Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETEL1200PPB Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETEL1200PPB
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200PPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETEL1200PPB Datasheet HTML 12Page - Texas Instruments TNETEL1200PPB Datasheet HTML 13Page - Texas Instruments TNETEL1200PPB Datasheet HTML 14Page - Texas Instruments TNETEL1200PPB Datasheet HTML 15Page - Texas Instruments TNETEL1200PPB Datasheet HTML 16Page - Texas Instruments TNETEL1200PPB Datasheet HTML 17Page - Texas Instruments TNETEL1200PPB Datasheet HTML 18Page - Texas Instruments TNETEL1200PPB Datasheet HTML 19Page - Texas Instruments TNETEL1200PPB Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
PPB (S-PQFP-G208)
PLASTIC QUAD FLATPACK (DIE-DOWN)
4040284 / B 03/95
0,16 NOM
105
104
53
0,27
0,17
0,25
0,75
0,50
0,25 MIN
52
Seating Plane
Gage Plane
157
208
156
SQ
SQ
1
25,50 TYP
30,80
30,40
28,20
27,80
3,60
3,20
4,10 MAX
0,08
0,50
M
0,08
0
°–7°
Heat Slug
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Thermally enhanced molded plastic package with a heat slug (HSL)
D. Falls within JEDEC MO-143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com