Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETEL1200PPB Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETEL1200PPB
Description  EtherLoopE MODEM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200PPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETEL1200PPB Datasheet HTML 10Page - Texas Instruments TNETEL1200PPB Datasheet HTML 11Page - Texas Instruments TNETEL1200PPB Datasheet HTML 12Page - Texas Instruments TNETEL1200PPB Datasheet HTML 13Page - Texas Instruments TNETEL1200PPB Datasheet HTML 14Page - Texas Instruments TNETEL1200PPB Datasheet HTML 15Page - Texas Instruments TNETEL1200PPB Datasheet HTML 16Page - Texas Instruments TNETEL1200PPB Datasheet HTML 17Page - Texas Instruments TNETEL1200PPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
A2D interface (see Figure 5)
NO.
MIN
MAX
UNIT
1
tw
Pulse duration, A2DCLK high
70
ns
2
tw
Pulse duration, A2DCLK low
70
ns
3
tc
Cycle time, A2DCLK
150
ns
4
tsu
Setup time, A2D data before A2DCLK
↓
10
ns
5
th
Hold time, A2D data after A2DCLK
↓
15
ns
4
5
1
2
3
A2D Data
A2DCLK
Figure 5. A2D Interface
D2A interface (see Figure 6)
NO.
MIN
MAX
UNIT
1
tw
Pulse duration, D2ACLK high
75
ns
2
tw
Pulse duration, D2ACLK low
25
ns
3
tc
Cycle time, D2ACLK
100
ns
4
tpd
Propagation delay time from D2ACLK
↓
5
ns
3
D2A Data
D2ACLK
1
2
4
Figure 6. D2A Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com