| Electronic Components Datasheet Search |
|
Y-CONC-R626MCU6M-2000-A Datasheet(PDF) 41 Page - Yamaichi Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R626MCU6M-2000-A Datasheet(HTML) 41 Page - Yamaichi Electronics Co., Ltd. |
|
41 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 40 Product Tests Vibration 10-500Hz, 50g, no contact interrupt >30ns DIN IEC 60068-2-6 Shock 1 mio. shocks at 50g – Mating / Unmating Force IP20 < 20N DIN EN 60603-7 Effectiveness of lock 50N for 60sec DIN EN 60603-7 Rapid change of temperature -40 ~ +85°C for 100 cycles DIN IEC 60068-2-14 Dry heat 80°C + 120°C for 1,000 hrs DIN IEC 60068-2-2 Damp heat 40°C, 93% humidity for 56 days DIN IEC 60068-2-78 Industrial atmosphere 4 gases for 10 days DIN IEC 60068-2-60 (method 4) Electrical load 1.5A for 1,000 hrs DIN IEC 60512-5 Current rating 2.1A at 70°C DIN IEC 60512-5-2 Strain relief 80N static + 30N dynamic DIN 57472-625 Drag Chain min. 100,000 up to max. 1 mio. cycles – Ultraviolet radiation 40°C, 16 hrs at 700W + 16 hrs at 0W DIN IEC 60068-2-9 Salt spray 48 hrs DIN IEC 60068-2-11 Dust test 20mbar for 8 hrs DIN EN60068-2-68 IP67 0.1 bar (= 1.0m depth) for 30 minutes DIN 40050-9 IP68 0.1 bar (= 1.0m depth) for 48 hrs DIN 40050-9 IP69K High pressure water jet (80 bar) DIN 40050-9 from 4 positions x 30 seconds 80°C water temperature Test Requirement Standards Results only apply to specific products. Not all tests were carried out on all products. Details on request. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |