| Electronic Components Datasheet Search |
|
Y-CONC-R626MCU6M-2000-A Datasheet(PDF) 21 Page - Yamaichi Electronics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R626MCU6M-2000-A Datasheet(HTML) 21 Page - Yamaichi Electronics Co., Ltd. |
|
21 / 42 page ![]() Part Number Signal Contacts Power Contacts Orientation PCB Y-ConJack-13 8 0 90° with solder pads Y-ConJack-23 8 2 90° with solder pads Y-ConJack-14 8 0 90° with terminals Y-ConJack-24 8 2 90° with terminals Y-ConJack - * * Part Number (Details) Series Power Contacts 1 = w/o. 2 = with Design Number Outline Dimensions Y-ConJack-13 / -23 Y-ConJack-14 / -24 SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 20 Description: RJ45 PCB mounted jacks, Cat 5, with or without power contacts. For use with Y-ConFlange-10-*, Y-ConFlange-40-* and all Y-Con plugs RJ45 Buchse auf PCB, Cat 5, mit oder ohne zusätzliche Kontakte für die Stromversorgung. Für den Einsatz mit Y-ConFlange-10-*, Y-ConFlange-40-* und allen Y-Con Kabelsteckern Material: Jack body PA, UL94V-0 Isolierkörper Shielding Nickel plated brass Schirmung Contact Contact area 30µ”Au/50µ”Ni Kontakte PCB FR4, UL94V-0 Specifications: Oper. Temp.: -40°C ~ +120°C Betriebstemp. Durability: 1,500 mechanical cycles Lebensdauer Current Rating: 2.1A @ 70°C (power contacts) Bemessungsstrom Y-ConJack-13 / -23 Y-ConJack-14 / -24 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |