Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS63WV1288DALL/DALS Datasheet(PDF) 15 Page - Integrated Silicon Solution, Inc

Part # IS63WV1288DALL/DALS
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63WV1288DALL/DALS Datasheet(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button IS63WV1288DALL/DALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS63WV1288DALL/DALS Datasheet HTML 19Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
15
Rev. B
12/15/2011
IS63WV1288DALL/DALS
IS63WV1288DBLL/DBLS
IS64WV1288DBLL/DBLS
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
 Speed (ns) 
Order Part No. 
Package
8
IS63WV1288DBLL-8TI
32-pinTSOP(TypeII)
IS63WV1288DBLL-8TLI
32-pinTSOP(TypeII),Lead-free
IS63WV1288DBLL-8HI
sTSOP(TypeI)(8mmx13.4mm)
IS63WV1288DBLL-8HLI
sTSOP(TypeI)(8mmx13.4mm),Lead-free
IS63WV1288DBLL-8JI
32-pinSOJ(300-mil)
IS63WV1288DBLL-8JLI
32-pinSOJ(300-mil),Lead-free
10
IS63WV1288DBLL-10TI
32-pinTSOP(TypeII)
IS63WV1288DBLL-10TLI
32-pinTSOP(TypeII),Lead-free
IS63WV1288DBLL-10HI
sTSOP(TypeI)(8mmx13.4mm)
IS63WV1288DBLL-10HLI
sTSOP(TypeI)(8mmx13.4mm),Lead-free
IS63WV1288DBLL-10JI
32-pinSOJ(300-mil)
IS63WV1288DBLL-10JLI
32-pinSOJ(300-mil),Lead-free
IS63WV1288DBLL-10KLI
32-pinSOJ(400-mil),Lead-free
Automotive Range (A3): –40°C to +125°C
 Speed (ns) 
Order Part No. 
Package
10(8*)
IS64WV1288DBLL-10TA3
32-pinTSOP(TypeII)
IS64WV1288DBLL-10TLA3
32-pinTSOP(TypeII),Lead-free
IS64WV1288DBLL-10HA3
sTSOP(TypeI)(8mmx13.4mm)
IS64WV1288DBLL-10HLA3
sTSOP(TypeI)(8mmx13.4mm),Lead-free
Note:
1.Speed=8nsforVdd=3.3V+5%.Speed=10nsforVdd=2.4V-3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com