Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS66/67WV51216DBLL Datasheet(PDF) 15 Page - Integrated Silicon Solution, Inc

Part # IS66/67WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WV51216DBLL Datasheet(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button IS66/67WV51216DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 17Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
15
Rev.  A
06/28/2011
IS66WV51216DALL
IS66/67WV51216DBLL
IS66WV51216DALL
Industrial Range: -40°C to +85°C 
Voltage Range: 1.7V to 1.95V 
 Speed (ns) 
Order Part No. 
Package
70
IS66WV51216DALL-70TLI
TSOP-II, Lead-free
IS66WV51216DALL-70BLI
mini BGA (6mm x 8mm), Lead-free
IS66WV51216DBLL
Industrial Range: -40°C to +85°C 
Voltage Range: 2.5V to 3.6V 
 Speed (ns) 
Order Part No. 
Package
55
IS66WV51216DBLL-55TLI
TSOP-II, Lead-free
IS66WV51216DBLL-55BLI
mini BGA (6mm x 8mm), Lead-free
70
IS66WV51216DBLL-70TLI
TSOP-II, Lead-free
IS66WV51216DBLL-70BLI
mini BGA (6mm x 8mm), Lead-free
IS67WV51216DBLL
Automotive (A1) Range: -40°C to +85°C 
Voltage Range: 2.5V to 3.6V 
 Speed (ns) 
Order Part No. 
Package
55
IS67WV51216DBLL-55TLA1
TSOP-II, Lead-free
IS67WV51216DBLL-55BLA1
mini BGA (6mm x 8mm), Lead-free
70
IS67WV51216DBLL-70TLA1
TSOP-II, Lead-free
IS67WV51216DBLL-70BLA1
mini BGA (6mm x 8mm), Lead-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com