Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS66/67WV51216DBLL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS66/67WV51216DBLL
Description  8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66/67WV51216DBLL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS66/67WV51216DBLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66/67WV51216DBLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev.  A
06/28/2011
IS66WV51216DALL
IS66/67WV51216DBLL
AC TEST CONDITIONS
  Parameter 
1.7V-1.95V 
2.5V-3.6V   
 
 
 
   
(Unit) 
(Unit)
  Input Pulse Level
0.4V to Vdd-0.2
0.4V to Vdd-0.3V
Input Rise and Fall Times
5 ns
5ns
Input and Output Timing
Vref
Vref
and Reference Level
Output Load
See Figures 1 and 2
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
   
1.7V - 1.95V  
2.5V - 3.6V
  r1(Ω)
3070
1029
R2(Ω)
3150
1728
Vref
0.9V
1.4V
Vtm
1.8V
2.8V
CAPACITANCE(1)
  Symbol 
Parameter 
Conditions 
Max. 
Unit
  cIn
Input Capacitance
VIn = 0V
8
pF
cout
Input/Output Capacitance
Vout = 0V
10
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
R1
5 pF
Including
jig and
scope
R2
OUTPUT
VTM
R1
30 pF
Including
jig and
scope
R2
OUTPUT
VTM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com