Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM5H06FE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM5H06FE
Description  Combined Nch MOSFET and Schottky Diode in one Package.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H06FE Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM5H06FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 5Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 6Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 7Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSM5H06FE
2007-11-01
4
Schottky Diode
Electrical Characteristics
(Ta
= 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1mA
⎯
0.18
⎯
V
VF (2)
IF = 5mA
⎯
0.23
0.30
V
Forward voltage
VF (3)
IF = 100mA
⎯
0.35
0.50
V
Reverse current
IR
VR = 12 V
⎯
⎯
22
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
⎯
20
40
pF
Precaution
The schottky barrier diodes of this product have large-reverse-current-leakage characteristics compared to
other switching diodes. This current leakage and improper operating temperature or voltage may cause
thermal runaway resulting in breakdown. Take forward and reverse loss into consideration in radiation design
and safety design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com