Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM5H06FE Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM5H06FE
Description  Combined Nch MOSFET and Schottky Diode in one Package.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM5H06FE Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM5H06FE Datasheet HTML 1Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 2Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 3Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 4Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 5Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 6Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 7Page - Toshiba Semiconductor SSM5H06FE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SSM5H06FE
2007-11-01
3
MOSFET
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0
⎯
⎯
±1
μA
Drain-Source breakdown voltage
V (BR) DSS
ID = 0.1 mA, VGS = 0
20
⎯
⎯
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.6
⎯
1.1
V
Forward transfer admittance
⏐Yfs⏐
VDS = 3 V, ID = 10 mA
40
⎯
⎯
mS
ID = 10 mA, VGS = 4 V
⎯
1.5
3.0
ID = 10 mA, VGS = 2.5 V
⎯
2.2
4.0
Drain-Source on-resistance
RDS (ON)
ID = 1 mA, VGS = 1.5 V
⎯
5.2
15
Ω
Input capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
9.3
⎯
pF
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
4.5
⎯
pF
Output capacitance
Coss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
9.8
⎯
pF
Turn-on time
ton
⎯
70
⎯
Switching time
Turn-off time
toff
VDD = 3 V, ID = 10 mA,
VGS = 0~2.5 V
⎯
125
⎯
ns
Switching Time Test Circuit
Precaution
Vth can be expressed as voltage between gate and source when the low operating current value is ID
100
μA
for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a
lower voltage than Vth.
(The relationship can be established as follows: VGS (off) < Vth < VGS (on))
Please take this into consideration when using the device.
(c) VOUT
(b) VIN
ton
90%
10%
0 V
2.5 V
10%
90%
toff
tr
tf
VDD
VDS (ON)
VDD = 3 V
Duty <
= 1%
VIN: tr, tf < 5 ns
(Zout = 50 Ω)
Common Source
Ta
= 25°C
VDD
OUT
IN
2.5 V
0
10
μs
RL
(a) Test circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com