Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6360 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 1 Page - STMicroelectronics

  L6360 Datasheet HTML 1Page - STMicroelectronics L6360 Datasheet HTML 2Page - STMicroelectronics L6360 Datasheet HTML 3Page - STMicroelectronics L6360 Datasheet HTML 4Page - STMicroelectronics L6360 Datasheet HTML 5Page - STMicroelectronics L6360 Datasheet HTML 6Page - STMicroelectronics L6360 Datasheet HTML 7Page - STMicroelectronics L6360 Datasheet HTML 8Page - STMicroelectronics L6360 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
This is information on a product in full production.
March 2012
Doc ID 022817 Rev 2
1/65
65
L6360
IO-Link communication master transceiver IC
Datasheet
production data
Features
Supply voltage from 18 to 32.5 V
Programmable output stages: high-side,
low-side or push-pull (< 2
Ω)
Up to 500 mA L+ protected high-side driver
Supports COM1, COM2 and COM3 mode
Additional IEC61131-2 type-1 input
Short-circuit and overcurrent output protection
through current limitation and programmable
cutoff current
3.3 V / 5 V, 50 mA linear regulator
5 mA IO-Link digital input
Fast mode I2C for IC control, configuration and
diagnostic
Diagnostic dual LED sequence generator and
driver
5 V and 3.3 V compatible I/Os
Overvoltage protection (> 36 V)
Overtemperature protection
ESD protection
Miniaturized: VFQFPN-26L
3.5 x 5 x 1 mm package
Applications
Industrial sensors
Factory automation
Process control
Description
The L6360 is a monolithic IO-Link master port
compliant with PHY2 (3 wires) supporting COM1
(4.8 kbaud), COM2 (38.4 kbaud) and COM3
(230.4 kbaud) modes.
The C/QO output stage is programmable: high-
side, low-side or push-pull; also cutoff current,
cutoff current delay time, and restart delay are
programmable.
Cutoff current and cutoff current delay time,
combined with thermal shutdown and automatic
restart protect the device against overload and
short-circuit.
C/QO and L+ output stages are able to drive
resistive, inductive and capacitive loads. Inductive
loads up to 10 mJ can be driven.
Supply voltage is monitored and low voltage
conditions are detected.
The L6360 transfers, through the PHY2(C/QO
pin), data received from a host microcontroller
through the USART (IN C/QO pin), or to the
USART (OUT C/QI pin) data received from PHY2
(C/QI pin).
To enable full IC control, configuration and
monitoring (i.e. fault conditions stored in the
status register), the communication between the
system microcontroller and the L6360 is based on
a Fast mode 2-wire I2C.
The L6360 has nine registers to manage the
programmable parameters and the status of the
IC.
Monitored fault conditions are: L+ line,
overtemperature, C/Q overload, linear regulator
undervoltage, and parity check.
Internal LED driver circuitries, in open drain
configuration, provide two programmable
sequences to drive two LEDs.
VFQFPN-26L 3.5 x 5 x 1 mm
www.st.com


Similar Part No. - L6360

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
627Kb / 4P
STM32 Nucleo pack for IO-Link master with IO-Link v1.1 PHY and stack
04-Jul-2018
More results

Similar Description - L6360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
2Mb / 28P
IO-Link Master Transceiver
Rev 3; 5/12
logo
STMicroelectronics
AN4075 STMICROELECTRONICS-AN4075 Datasheet
415Kb / 23P
STEVAL-IFP016V2 IO-Link communication master transceiver
25-Apr-2012
L6362A STMICROELECTRONICS-L6362A Datasheet
1Mb / 37P
IO-Link communication transceiver device IC
03-Feb-2016
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
IO-Link Master
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
IO-Link master
logo
Maxim Integrated Produc...
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Master Transceiver
Rev 2; 1/13
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
IO-Link Master
2020-06-30
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
IO-link master transceiver
Rev. 1.0, 7/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com