Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6360 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L6360
Description  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 42Page - STMicroelectronics L6360 Datasheet HTML 43Page - STMicroelectronics L6360 Datasheet HTML 44Page - STMicroelectronics L6360 Datasheet HTML 45Page - STMicroelectronics L6360 Datasheet HTML 46Page - STMicroelectronics L6360 Datasheet HTML 47Page - STMicroelectronics L6360 Datasheet HTML 48Page - STMicroelectronics L6360 Datasheet HTML 49Page - STMicroelectronics L6360 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Device configuration
L6360
46/65
Doc ID 022817 Rev 2
2nd ÷ 8th frame
Bit 7÷0:
Data register
9th frame
Bit 7÷0:
Microcontroller parity register
The microcontroller parity check (for each register) calculus performed is shown below:
Figure 29.
Microcontroller parity check calculus
Bit 6 = P6:
Microcontroller configuration register parity
This bit is the parity of the configuration register.
Bit 5 = P5:
Microcontroller control register 1 parity
This bit is the parity of control register 1.
Bit 4 = P4:
Microcontroller control register 2 parity
This bit is the parity of control register 2.
Bit 3 = P3:
Microcontroller LED1 register high parity
This bit is the parity of the LED1 MSB register (15 down to 8).
Bit 2 = P2:
Microcontroller LED1 register low parity
This bit is the parity of the LED1 LSB register (7 down to 0).
Bit 1 = P1:
Microcontroller LED2 register high parity
This bit is the parity of the LED2 MSB register high (15 down to 8).
Bit 0 = P0:
Microcontroller LED2 register low parity
This bit is the parity of the LED2 LSB register high (7 down to 0).
For each register, a parity check is calculated as shown in Equation 3, in general formulas:
Equation 3
PX = D7
⊕ D6 ⊕ D5 ⊕ D4 ⊕ D3 ⊕ D2 ⊕ D1⊕ D0 (X = 0 to 6)
D7 ÷ D0 indicates bits inside each register.
If parity error occurs, the registers are not overwritten.
In this writing mode, all writable registers and the microcontroller parity register are sent.
Table 28.
Sequential Write mode direction bit
W
Master
Slave
0
Write mode
Read mode
1
Read mode
Write mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com