Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6391 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6391
Description  High-voltage high and low side driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6391 Datasheet(HTML) 4 Page - STMicroelectronics

  L6391 Datasheet HTML 1Page - STMicroelectronics L6391 Datasheet HTML 2Page - STMicroelectronics L6391 Datasheet HTML 3Page - STMicroelectronics L6391 Datasheet HTML 4Page - STMicroelectronics L6391 Datasheet HTML 5Page - STMicroelectronics L6391 Datasheet HTML 6Page - STMicroelectronics L6391 Datasheet HTML 7Page - STMicroelectronics L6391 Datasheet HTML 8Page - STMicroelectronics L6391 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Pin connection
L6391
4/21
Doc ID 17892 Rev 1
2
Pin connection
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin n #
Pin name
Type
Function
1
LIN
I
Low side driver logic input (active low)
2
SD/OD (1)
I/O
Shut down logic input (active low)/open drain
comparator output
3
HIN
I
High side driver logic input (active high)
4
VCC
P
Lower section supply voltage
5
DT
I
Dead time setting
6
NC
Not connected
7
GND
P
Ground
8
CP-
I
Comparator negative input
9
CP+
I
Comparator positive input
10
LVG (1)
1.
The circuit guarantees less than 1 V on the LVG and HVG pins (@ Isink = 10 mA), with VCC > 3 V. This
allows omitting the “bleeder” resistor connected between the gate and the source of the external MOSFET
normally used to hold the pin low; the gate driver assures low impedance also in SD condition.
O
Low side driver output
11
NC
Not connected
12
OUT
P
High side (floating) common voltage
13
HVG (1)
O
High side driver output
14
BOOT
P
Bootstrapped supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com