Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STRH8N10 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STRH8N10
Description  Rad-Hard N-channel 100 V, 6 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH8N10 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STRH8N10 Datasheet HTML 3Page - STMicroelectronics STRH8N10 Datasheet HTML 4Page - STMicroelectronics STRH8N10 Datasheet HTML 5Page - STMicroelectronics STRH8N10 Datasheet HTML 6Page - STMicroelectronics STRH8N10 Datasheet HTML 7Page - STMicroelectronics STRH8N10 Datasheet HTML 8Page - STMicroelectronics STRH8N10 Datasheet HTML 9Page - STMicroelectronics STRH8N10 Datasheet HTML 10Page - STMicroelectronics STRH8N10 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STRH8N10
Radiation characteristics
Doc ID 010029 Rev 2
7/18
3
Radiation characteristics
The technology of the STMicroelectronics rad-hard Power MOSFETs is extremely resistant
to radiative environments. Every manufacturing lot is tested for total ionizing dose, according
to the ESCC 22900 specification window 1, using the TO-39 package. Both pre-irradiation
and post-irradiation performances are tested and specified using the same circuitry and test
conditions in order to provide a direct comparison.
(Tamb= 22 ± 3 °C unless otherwise specified).
Total dose radiation (TID) testing
One bias conditions using the TO-39 package:
–VGS bias: + 15 V applied and VDS= 0 V during irradiation
The following parameters are measured (see
Table 9, Table 10 and Table 11):
●
before irradiation
●
after irradiation
●
after 24 hrs @ room temperature
●
after 168 hrs @ 100 °C anneal
Table 9.
Post-irradiation on/off states @ TJ= 25 °C, (Co60
γ rays 70 K Rad(Si))
Symbol
Parameter
Test conditions
Drift values
∆ Unit
IDSS
Zero gate voltage drain current
(VGS = 0)
80% BVDss
+1
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = 20 V
VGS = -20 V
1.5
-1.5
nA
BVDSS
Drain-to-source breakdown
voltage
VGS = 0, ID = 1 mA
-25%
V
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
-60% / + 30%
V
RDS(on)
Static drain-source on resistance
VGS = 10 V; ID = 4 A
±10%
Ω
Table 10.
Dynamic post-irradiation @ TJ= 25 °C, (Co60
γ rays 70 K Rad(Si))
Symbol
Parameter
Test conditions
Drift values
∆ Unit
Qg
Total gate charge
IG = 0.2 mA, VGS = 12 V,
VDS = 50 V, IDS = 4 A
-5% / + 40%
nC
Qgs
Gate-source charge
±35%
Qgd
Gate-drain charge
-5% / + 130%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com