Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STRH8N10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STRH8N10
Description  Rad-Hard N-channel 100 V, 6 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH8N10 Datasheet(HTML) 1 Page - STMicroelectronics

  STRH8N10 Datasheet HTML 1Page - STMicroelectronics STRH8N10 Datasheet HTML 2Page - STMicroelectronics STRH8N10 Datasheet HTML 3Page - STMicroelectronics STRH8N10 Datasheet HTML 4Page - STMicroelectronics STRH8N10 Datasheet HTML 5Page - STMicroelectronics STRH8N10 Datasheet HTML 6Page - STMicroelectronics STRH8N10 Datasheet HTML 7Page - STMicroelectronics STRH8N10 Datasheet HTML 8Page - STMicroelectronics STRH8N10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2011
Doc ID 010029 Rev 2
1/18
18
STRH8N10
Rad-Hard N-channel 100 V, 6 A
Power MOSFET
Features
■ Fast switching
■ 100% avalanche tested
■ Hermetic package
■ 70 krad TID
■ SEE radiation hardened
Applications
■ Satellite
■ High reliability
Description
This N-channel Power MOSFET is developed with
STMicroelectronics unique STripFET™ process. It
has specifically been designed to sustain high
TID and provide immunity to heavy ion effects.
Figure 1.
Internal schematic diagram
Note:
Contact ST sales office for information about the specific conditions for product in die form
and for other packages.
VDSS
ID
RDS(on)
Qg
100 V
6 A
0.30
Ω
22 nC
TO-39
Table 1.
Device summary
Order code
ESCC part
number
Quality
level
Package
Lead
finish
Mass
(g)
Temp. range
EPPL
STRH8N10N1
-
Engineering
model
TO-39
Gold
1.2
-55 to 150°C
-
STRH8N10NG
TBD
ESCC flight
Target
www.st.com


Similar Part No. - STRH8N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
05-May-2022
STRH12P10ESY1 STMICROELECTRONICS-STRH12P10ESY1 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
STRH12P10ESY3 STMICROELECTRONICS-STRH12P10ESY3 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
More results

Similar Description - STRH8N10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
Rad-Hard P-channel 100 V, 34 A Power MOSFET
09-Nov-2011
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
logo
Sensitron
SRADM1002 SENSITRON-SRADM1002 Datasheet
190Kb / 2P
JHERMETIC RAD HARD POWER MOSFET N-CHANNEL QUAD
SRADM1004 SENSITRON-SRADM1004 Datasheet
168Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1001 SENSITRON-SRADM1001 Datasheet
213Kb / 3P
HERMETIC RAD HARD POWER N-CHANNEL MOSFET ARRAY
logo
STMicroelectronics
STRH12P10 STMICROELECTRONICS-STRH12P10 Datasheet
421Kb / 15P
Rad-Hard 100 V, 12 A, P-channel Power MOSFET
05-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com