Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE723A Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE723A
Description  3A 1.5MHz 5.5V Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE723A Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE723A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE723A
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
3
Electrical Characteristics
(VDD=5V,TA=25℃)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
VDD
2.6
5.5
V
Feedback Voltage
Vref
0.784
0.8
0.816
V
Feedback Leakage current
Ifb
0.1
0.4
uA
Quiescent Current
Iq
Active, Vfb=0.78, No Switching
450
uA
Shutdown
1
uA
Line Regulation
LnReg
Vin=4V to 5.5V
0.1
%/V
Load Regulation
LdReg
Iout=1 to 3A
0.02
%/A
EA Transconductance
Gm
600
us
Switching Frequency
Fsoc
Ren =180K
1.35
MHz
PMOS Rdson
RdsonP
150
Ω
NMOS Rdson
RdsonN
130
Ω
Peak Current Limit
Llimit
3.8
A
EN Shutdown Voltage
Ven
Vin-0.7V
Vin
Typical Performance Characteristics
Efficiency vs. Output Current
Load Regulation
(Vout=1.0V)
(Vout=1.0V)
Output Current (mA)
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com