Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE723A Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE723A
Description  3A 1.5MHz 5.5V Synchronous Buck Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE723A Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE723A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE723A Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ACE723A
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
5
Power On & Soft Start
Load Transient Response
Detailed description
ACE723A is a 3A synchronous buck, with frequency adjusted by Ren_. It can achieve conversion
efficiency up to 95%. It also support 100% duty cycle which will maximize the battery usage. Only a
inductor and a few R & C need for peripheral. The PCB size can be very small
Please note that EN_ pin has to be pull high if one wants to shutdown the chip. And release it (with a
Ren_ connected to GND) to have it work.
One can also switch off ACE723A by connect enable signal
with at least 1mA driving capability to VDD pin (pin 6 of DFN2x2 and pin 8 of DFN3x3 package).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com