Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA508 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA508
Description  40V 4.5A QUAD POWER HALF BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA508_06 Datasheet HTML 2Page - STMicroelectronics STA508_06 Datasheet HTML 3Page - STMicroelectronics STA508_06 Datasheet HTML 4Page - STMicroelectronics STA508_06 Datasheet HTML 5Page - STMicroelectronics STA508_06 Datasheet HTML 6Page - STMicroelectronics STA508_06 Datasheet HTML 7Page - STMicroelectronics STA508_06 Datasheet HTML 8Page - STMicroelectronics STA508_06 Datasheet HTML 9Page - STMicroelectronics STA508_06 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
STA508
Figure 7. Typical Single BTL Configuration
Figure 8. Typical Quad Half Bridge Configuration
For more information refer to the application notes AN1456 and AN1661
10
µH
10
µH
100nF
FILM
100nF
X7R
100nF
X7R
1
µF
X7R
2200
µF
63V
470nF
FILM
100nF
FILM
100nF
10K
10K
6.2
1/2W
6.2
1/2W
100nF
X7R
100nF
X7R
Add.
IN1A
IN1A
VL
CONFIG
PWRDN
nPWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
100nF
100nF
X7R
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN1B
IN2A
29
23
N.C.
24
25
27
26
28
30
21
22
33
34
35
36
17
16
18
OUT1A
GND1B
OUT1A
VCC1B
10
13
11
OUT1B
GND1A
OUT1B
14
32V
330pF
22
Ω
1/2W
4
Ω
GND2A
6
2
12
VCC1A
15
VCC2B
4
VCC2A
7
3
OUT2B
GND2B
D03AU1514
OUT2B
5
19
31
20
GNDSUB
1
IN2B
32
8
9
OUT2A
OUT2A
1
µF
X7R
32V
L11 22
µH
L12 22
µH
C51
1
µF
C71
100nF
C91
1
µF
C81
100nF
C31 820
µF
C21
2200
µF
C58
100nF
C58
100nF
R57
10K
R59
10K
R41
20
R61
5K
R62
5K
R51
6
C53
100nF
C60
100nF
C61
100nF
15
M3
IN1A
IN1A
VL
CONFIG
PWRDN
PWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN2A
IN1B
IN2A
IN2B
PROTECTIONS
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUTPL
PGND1P
OUTPL
VCC1P
14
12
10
11
OUTNL
PGND1N
OUTNL
VCC1N
13
C52
1
µF
+VCC
C62
100nF
7
M17
M15
M16
M14
8
9
OUTPR
PGND2P
OUTPR
VCC2P
6
4
2
3
OUTNR
PGND2N
D03AU1474
OUTNR
VCC2N
5
19
31
20
GNDSUB
1
IN2B
32
C72
100nF
C92
1
µF
C82
100nF
R52
6
C41
330pF
R42
20
C42
330pF
C32 820
µF
L13 22
µH
L14 22
µH
C73
100nF
C93
1
µF
C83
100nF
C33 820
µF
R43
20
R53
6
C74
100nF
C94
1
µF
C84
100nF
R54
6
C43
330pF
R44
20
C44
330pF
C34 820
µF
R63
5K
R64
5K
R65
5K
R66
5K
R67
5K
R68
5K
4
Ω
4
Ω
4
Ω
4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com