Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA508 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA508
Description  40V 4.5A QUAD POWER HALF BRIDGE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA508 Datasheet(HTML) 3 Page - STMicroelectronics

  STA508_06 Datasheet HTML 1Page - STMicroelectronics STA508_06 Datasheet HTML 2Page - STMicroelectronics STA508_06 Datasheet HTML 3Page - STMicroelectronics STA508_06 Datasheet HTML 4Page - STMicroelectronics STA508_06 Datasheet HTML 5Page - STMicroelectronics STA508_06 Datasheet HTML 6Page - STMicroelectronics STA508_06 Datasheet HTML 7Page - STMicroelectronics STA508_06 Datasheet HTML 8Page - STMicroelectronics STA508_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STA508
Table 3. FUNCTIONAL PIN STATUS
(*) : The pin is open collector. To have the high logic value, it needs to be pulled up by a resistor.
(**): To put CONFIG = 1 means connect Pin 24 (CONFIG) to Pins 21, 22 (Vdd)
Figure 3. PIN CONNECTION
Table 4. THERMAL DATA
PIN NAME
Logical value
IC -STATUS
FAULT
0
Fault detected (Short circuit, or Thermal ..)
FAULT (*)
1
Normal Operation
TRI-STATE
0
All powers in Hi-Z state
TRI-STATE
1
Normal operation
PWRDN
0
Low absorpion
PWRDN
1
Normal operation
THWAR
0
Temperature of the IC =130°C
THWAR(*)
1
Normal operation
CONFIG
0
Normal Operation
CONFIG(**)
1
OUT1A = OUT1B ; OUT2A=OUT2B
(IF IN1A = IN1B; IN2A = IN2B)
Symbol
Description
Value
Unit
Rth j-case Thermal Resistance Junction-case
max 1.5
°C/W
GND-SUB
OUT2B
OUT2B
VCC2B
GND1B
VCC1A
GND1A
OUT1A
OUT1A
GND-Reg
VDD
VDD
CONFIG
VSS
VSS
VCCSign
VCCSign
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
N.C.
GND-Clean
D01AU1273
OUT1B
VCC1B
OUT1B
PWRDN
FAULT
TRI-STATE
9
8
7
28
29
30
OUT2A
TH_WAR
10
27
GND2B
OUT2A
VCC2A
IN1A
IN2B
IN1B
14
12
11
23
25
26
GND2A
IN2A
13
24
VL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com