Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA515W Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA515W
Description  40-volt, 3-amp, quad power half bridge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 3 Page - STMicroelectronics

  STA515W Datasheet HTML 1Page - STMicroelectronics STA515W Datasheet HTML 2Page - STMicroelectronics STA515W Datasheet HTML 3Page - STMicroelectronics STA515W Datasheet HTML 4Page - STMicroelectronics STA515W Datasheet HTML 5Page - STMicroelectronics STA515W Datasheet HTML 6Page - STMicroelectronics STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STA515W
Pin description
Doc ID 11079 Rev 2
3/14
2
Pin description
Figure 2.
Pin out
Table 2.
Pin list
Pin
Name
Type
Description
1
GNDSUB
PWR
Substrate ground
2, 3
OUT2B
O
Output half bridge 2B
4
VCC2B
PWR
Positive supply
5
GND2B
PWR
Negative supply
6
GND2A
PWR
Negative supply
7
VCC2A
PWR
Positive supply
8, 9
OUT2A
O
Output half bridge 2A
10, 11
OUT1B
O
Output half bridge 1B
12
VCC1B
PWR
Positive supply
13
GND1B
PWR
Negative supply
14
GND1A
PWR
Negative supply
15
VCC1A
PWR
Positive supply
16, 17
OUT1A
O
Output half bridge 1A
18
N.C.
-
No internal connection
19
GNDCLEAN
PWR
Logical ground
20
GNDREG
PWR
Ground for regulator VDD
21, 22
VDD
PWR
5-V regulator referred to ground
23
VL
PWR
High logical state setting voltage, VL
VCCSIG
VCCSIG
VSS
VSS
IN2B
IN2A
IN1B
IN1A
THWARN
FAULT
TRISTATE
PWRDN
CONFIG
VL
VDD
VDD
GNDREG
GNDCLEAN
GNDSUB
OUT2B
OUT2B
VCC2B
GND2B
GND2A
VCC2A
OUT2A
OUT2A
OUT1B
OUT1B
VCC1B
GND1B
GND1A
VCC1A
OUT1A
OUT1A
N.C.
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
STA515W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com