Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA515W Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA515W
Description  40-volt, 3-amp, quad power half bridge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 4 Page - STMicroelectronics

  STA515W Datasheet HTML 1Page - STMicroelectronics STA515W Datasheet HTML 2Page - STMicroelectronics STA515W Datasheet HTML 3Page - STMicroelectronics STA515W Datasheet HTML 4Page - STMicroelectronics STA515W Datasheet HTML 5Page - STMicroelectronics STA515W Datasheet HTML 6Page - STMicroelectronics STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Pin description
STA515W
4/14
Doc ID 11079 Rev 2
24
CONFIG
I
Configuration pin:
0: normal operation
1: bridges in parallel, see Parallel-output and high-current
operation on page 9
25
PWRDN
I
Stand-by pin:
0: low-power mode
1: normal operation
26
TRISTATE
I
Hi-Z pin:
0: all power amplifier outputs in high-impedance state
1: normal operation
27
FAULT
O
Fault pin advisor (open-drain device, needs pull-up resistor):
0: fault detected (short circuit or thermal, for example)
1: normal operation
28
THWARN
O
Thermal-warning advisor (open-drain device, needs pull-up
resistor):
0: temperature of the IC >130 oC
1: normal operation
29
IN1A
I
Input of half bridge 1A
30
IN1B
I
Input of half bridge 1B
31
IN2A
I
Input of half bridge 2A
32
IN2B
I
Input of half bridge 2B
33, 34
VSS
PWR
5-V regulator referred to +VCC
35, 36
VCCSIG
PWR
Signal positive supply
Table 2.
Pin list
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com