Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA529 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA529
Description  FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA529_12 Datasheet HTML 18Page - STMicroelectronics STA529_12 Datasheet HTML 19Page - STMicroelectronics STA529_12 Datasheet HTML 20Page - STMicroelectronics STA529_12 Datasheet HTML 21Page - STMicroelectronics STA529_12 Datasheet HTML 22Page - STMicroelectronics STA529_12 Datasheet HTML 23Page - STMicroelectronics STA529_12 Datasheet HTML 24Page - STMicroelectronics STA529_12 Datasheet HTML 25Page - STMicroelectronics STA529_12 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
PLL
STA529
22/57
Doc ID 13095 Rev 3
6.2
Configuration examples
The STA529 PLL can be configured in two ways:
●
default startup configuration
●
direct PLL programming
The default startup configuration reads the device defaults. With this configuration, it is not
necessary to program the PLL dividers directly as preset values are used. In this mode, the
oversampling ratio between pins XTI (or MCLK33) and LRCLKI is fixed to 256.
The direct PLL programming bypasses the automatic presets allowing direct programming
of the PLL dividers.
The output PLL frequency can be determined by the following equations.
Output division factor:
ODF = 2.
Relation between input and output clock frequency:
fINFIN = fXTI / IDF.
If register bit PLLCFG0.FRAC_CTRL = 1
fVCO = fINFIN * (LDF + FRACT / 2
16 + 1 / 217)
fPHI = fVCO / ODF.
When register bit PLLCFG0.DITHER_DISABLE[1] = 1, the 1/217 factor is not in the
multiplication. This is recommended in order to keep register bit
PLLCFG0.DITHER_DISABLE[1] = 0, otherwise there can be spurious signals in the output
clock spectrum.
If register bit PLLCFG0.FRAC_CTRL = 0, then:
fVCO = fINFIN * LDF
fPHI = fVCO / ODF.
In the above equations:
FRACT = decimal equivalent of register bit PLLCFG1.FRAC_INPUT[15:0]
IDF = input division factor
LDF = loop division factor
ODF = output division factor = 2
fINFIN = INFIN frequency
fXTI = XTI frequency
fVCO = VCO frequency
fPHI = frequency of the PLL output clock.
When selecting the values for IDF, LDF and FRACT, ensure that the following limits are
maintained:
2.048 MHz < fXTI < 49.152 MHz
2.048 MHz < fINFIN < 16.384 MHz
65.536 MHz < fVCO < 98.304 MHz
There are also some additional constraints on IDF and LDF. IDF should be greater than 0,
LDF should be greater than 5 if FRAC_CTRL = 0 and greater than 8 if FRAC_CTRL = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com