Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA529 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA529
Description  FFX??audio codec with analog and digital inputs and 2 x 1.2 W (or 2 x 100 mW HP) class-D amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA529 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA529_12 Datasheet HTML 19Page - STMicroelectronics STA529_12 Datasheet HTML 20Page - STMicroelectronics STA529_12 Datasheet HTML 21Page - STMicroelectronics STA529_12 Datasheet HTML 22Page - STMicroelectronics STA529_12 Datasheet HTML 23Page - STMicroelectronics STA529_12 Datasheet HTML 24Page - STMicroelectronics STA529_12 Datasheet HTML 25Page - STMicroelectronics STA529_12 Datasheet HTML 26Page - STMicroelectronics STA529_12 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
STA529
PLL
Doc ID 13095 Rev 3
23/57
When automatic settings are not used, the PLL must be configured to generate an internal
frequency, fPHI, of N * fs, where fs is the frequency of pin LRCLKI. Values for N are given in
Table 15.
Example 1
fXTI = 13 MHz and fs = 44.1 kHz
IDF should be equal to 3 otherwise LDF becomes less than 8 (FRAC_CTRL must be 1):
LDF = floor(45.1584 / (13 / IDF)) = 10
FRACT = round([(45.1584 / (13 / IDF)) - floor(45.1584 / (13 / IDF))] * 216) = 27602.
where:
floor means rounded down and
round means rounded to nearest integer.
Using the above configuration, the system clock is 45.15841675 MHz, the approximate
static error is 16 Hz (that is, 0.5 ppm).
Example 2
fXTI = 19.2 MHz and fs = 48 kHz
IDF should be equal to 4 otherwise LDF become less than 8 (FRAC_CTRL must be 1):
LDF = floor(49.152 / (19.2 / IDF)) = 10
FRACT = round([(49.152 / (19.2 / IDF)) - floor(49.152 / (19.2 / IDF))] * 216) = 15728.
Using the above configuration, the system clock is 49.151953125 MHz, the approximate
static error is 47 Hz (that is, 1 ppm).
Table 15.
Oversampling table
fs (kHz)
N
fPHI (MHz)
8
4096
32.768
11.025
4096
45.1584
12
4096
49.152
16
2048
32.768
22.05
2048
45.1584
24
2048
49.152
32
1024
32.768
44.1
1024
45.1584
48
1024
49.152
64
512
32.768
88.2
512
45.1584
96
512
49.152
128
256
32.768
176.4
256
45.1584
192
256
49.152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com