Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7404 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 4Page - STMicroelectronics TDA7404_08 Datasheet HTML 5Page - STMicroelectronics TDA7404_08 Datasheet HTML 6Page - STMicroelectronics TDA7404_08 Datasheet HTML 7Page - STMicroelectronics TDA7404_08 Datasheet HTML 8Page - STMicroelectronics TDA7404_08 Datasheet HTML 9Page - STMicroelectronics TDA7404_08 Datasheet HTML 10Page - STMicroelectronics TDA7404_08 Datasheet HTML 11Page - STMicroelectronics TDA7404_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Electrical specifications
TDA7404
8/35
3
Electrical specifications
3.1
Supply
3.2
Thermal data
3.3
Absolute maximum ratings
3.4
ESD
All pins are protected against ESD according to the MIL883 standard.
Table 2.
Supply
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vs
Supply voltage
7.5
9
10.5
V
Is
Supply current
Vs = 9V
20
mA
SVRR
Ripple rejection @ 1 kHz
Audioprocessor (all Filters flat)
60
dB
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RTh j-pins
Thermal resistance junction pins
max
85
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vs
Operating supply voltage
10.8
V
Tamb
Operating temperature range
-40 to 85
°C
Tstg
Storage temperature range
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com