Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7404 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7404
Description  Car radio signal processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7404_08 Datasheet HTML 5Page - STMicroelectronics TDA7404_08 Datasheet HTML 6Page - STMicroelectronics TDA7404_08 Datasheet HTML 7Page - STMicroelectronics TDA7404_08 Datasheet HTML 8Page - STMicroelectronics TDA7404_08 Datasheet HTML 9Page - STMicroelectronics TDA7404_08 Datasheet HTML 10Page - STMicroelectronics TDA7404_08 Datasheet HTML 11Page - STMicroelectronics TDA7404_08 Datasheet HTML 12Page - STMicroelectronics TDA7404_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TDA7404
Electrical specifications
9/35
3.5
Electrical characteristics
Table 5.
Electrical characteristics
(VS =9 V; Tamb=25 °C; RL=10 kΩ; all gains = 0 dB; f = 1 kHz; unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Input selector
Rin
Input resistance
all single ended Inputs
70
100
130
k
Ω
VCL
Clipping level
2.20
2.60
VRMS
SIN
Input separation
80
100
dB
GIN MIN Min. input gain
-1
0
1
dB
GIN MAX Max. input gain
18
20
22
dB
GSTEP
Step Resolution
0.5
1
1.5
dB
VDC
DC Steps
Adjacent gain steps
-5
1
5
mV
GMIN to GMAX
-10
5
10
mV
Voffset
Remaining offset with AutoZero
0.5
mV
P differential stereo inputs
Rin
Input resistance
(see Figure 3)
Differential
70
100
130
k
Ω
GCD
Gain
only at true differential
input
-0.75
0
0.75
dB
-5
-6
-7
dB
-11
-12
-13
dB
CMRR
Common mode rejection ratio
VCM = 1 VRMS @ 1 kHz
40
70
dB
VCM = 1 VRMS @ 10 kHz
40
60
dB
eNO
Output noise @ speaker-outputs
20 Hz - 20 kHz, flat;
all stages 0 dB
9V
Differential mono input
Rin
Input resistance
Differential
395673
k
Ω
CMRR
Common mode rejection ratio
VCM = 1 VRMS @ 1 kHz
40
70
dB
VCM = 1 VRMS @ 10 kHz
40
60
dB
Beep control
VRMS
Beep level
250
350
500
mV
fB
Beep frequency
fB1
740
781
820
Hz
fB2
1.48
1.56
1.64
kHz
fB3
1.7
1.8
1.9
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com