Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7416 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7416
Description  Car radio signal processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7416_11 Datasheet HTML 21Page - STMicroelectronics TDA7416_11 Datasheet HTML 22Page - STMicroelectronics TDA7416_11 Datasheet HTML 23Page - STMicroelectronics TDA7416_11 Datasheet HTML 24Page - STMicroelectronics TDA7416_11 Datasheet HTML 25Page - STMicroelectronics TDA7416_11 Datasheet HTML 26Page - STMicroelectronics TDA7416_11 Datasheet HTML 27Page - STMicroelectronics TDA7416_11 Datasheet HTML 28Page - STMicroelectronics TDA7416_11 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
TDA7416
I2C bus interface
Doc ID 9837 Rev 2
25/37
5.1.3
Reset condition
A power-on-reset is invoked if the supply voltage is below than 3.5V. After that, the following
data is written automatically into the registers of all subaddresses:
The programming after POR is marked bold-face / underlined in the programming tables.
With this programming all the outputs are muted to VREF (VOUT = VDD/2).
5.2
Subaddress (receive mode)
MSB
LSB
11
1
1
1
1
1
0
Table 6.
Subaddress (receive mode)
1MSB
LSB
Function
I2
I1
I0
A4
A3
A2
A1
A0
0
1
Audio processor Testmode
off
on
0
1
AutoZero remain
off
on
0
1
Auto-increment mode
off
on
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
0
0
0
0
1
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
Subaddress
Source Selector
Loudness
Volume
EQ Filter 1 (62/100Hz)
EQ Filter 2 (157Hz)
EQ Filter 3 (396Hz)
EQ Filter 4 (1kHz)
EQ Filter 5 (2.51kHz)
EQ Filter 6 (4/6.34kHz)
EQ Filter 7 (15/16kHz)
Mixing Programming
Soft-mute
Subwoofer / Spectrum analyzer / High-pass
Configuration Audio processor I
Mixing Level Control
Speaker attenuator LF
Speaker attenuator RF
Speaker attenuator LR
Speaker attenuator RR
Subwoofer attenuator
Testing Audio processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com