Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7416 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7416
Description  Car radio signal processor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7416 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7416_11 Datasheet HTML 28Page - STMicroelectronics TDA7416_11 Datasheet HTML 29Page - STMicroelectronics TDA7416_11 Datasheet HTML 30Page - STMicroelectronics TDA7416_11 Datasheet HTML 31Page - STMicroelectronics TDA7416_11 Datasheet HTML 32Page - STMicroelectronics TDA7416_11 Datasheet HTML 33Page - STMicroelectronics TDA7416_11 Datasheet HTML 34Page - STMicroelectronics TDA7416_11 Datasheet HTML 35Page - STMicroelectronics TDA7416_11 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
I2C bus interface
TDA7416
32/37
Doc ID 9837 Rev 2
5.3.8
Configuration audio processor I (13)
Table 14.
Configuration audio processor I (13)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
1
PD input mode
single ended
pseudo differential
0
1
PD Input Gain
-6 dB
0 dB
0
1
Soft-step volume
off
on
0
0
1
1
0
1
0
1
Soft-step time
320µs
1.28ms
5.12ms
20.4ms
0
1
Loudness
flat
filter ON
0
1
Front AC speaker
AC coupling (ACin)
DC coupling
0
1
Rear effect
No effect signal
Equalizing signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com