Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7512F Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7512F Datasheet HTML 1Page - STMicroelectronics TDA7512F Datasheet HTML 2Page - STMicroelectronics TDA7512F Datasheet HTML 3Page - STMicroelectronics TDA7512F Datasheet HTML 4Page - STMicroelectronics TDA7512F Datasheet HTML 5Page - STMicroelectronics TDA7512F Datasheet HTML 6Page - STMicroelectronics TDA7512F Datasheet HTML 7Page - STMicroelectronics TDA7512F Datasheet HTML 8Page - STMicroelectronics TDA7512F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
June 2009
Doc ID 12668 Rev 2
1/45
1
TDA7512F
FM car-radio tuner IC with intelligent selectivity system (ISS)
Features
FM part
■ RF AGC generation by RF and IF detection
■ I/Q mixer for 1st FM IF 10.7 MHz with image
rejection
■ 2 programmable IF-gain stages
■ Mixer for 2nd IF 450 kHz
■ Internal 450 kHz bandpass filter with three
bandwidths controlled by ISS
■ Fully integrated FM-demodulator with noise
cancellation
Additional features
■ VCO for world tuning range
■ High performance fast PLL for RDS-system
■ IF counter with search stop signal
■ Quality detector for level, deviation, adjacent
channel and multipath
■ Quality detection informations as analog
signals external available
■ ISS (intelligent selectivity system) for
cancellation of adjacent channel and noise
influences
■ Adjacent channel mute
■ Fully electronic alignment
■ All functions I2C bus controlled
Description
The TDA7512F is a high performance tuner circuit
for FM car-radio. It contains mixer, IF amplifier,
demodulator, quality detection, ISS filter and PLL
synthesizer with IF counter on a single chip. Use
of BiCMOS technology allows the implementation
of several tuning functions and a minimum of
external components.
LQFP64
Table 1. Device summary
Order code
Package
Packing
E-TDA7512F
LQFP64
Tray
E-TDA7512FTR
LQFP64
Tape and reel
www.st.com


Similar Part No. - TDA7512F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
Sep-2003
More results

Similar Description - TDA7512F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7512 STMICROELECTRONICS-TDA7512 Datasheet
761Kb / 42P
AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
Sep-2003
logo
Sanyo Semicon Device
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
Car Radio Single-Chip Tuner System
logo
Infineon Technologies A...
TUA4401K INFINEON-TUA4401K Datasheet
504Kb / 41P
FM Car Radio IC with PLL
V 2.1 23.09.1999
logo
STMicroelectronics
TDA7540B STMICROELECTRONICS-TDA7540B Datasheet
1Mb / 75P
AM/FM Car Radio Tuner IC with Stereo Decoder and Intelligent Selectivity System (ISS)
10-May-2006
logo
NXP Semiconductors
TEF6862 PHILIPS-TEF6862 Datasheet
1Mb / 65P
Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
logo
STMicroelectronics
TDA7541 STMICROELECTRONICS-TDA7541 Datasheet
872Kb / 76P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
15-Jan-2008
TDA7540N STMICROELECTRONICS-TDA7540N Datasheet
1Mb / 76P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
12-Nov-2007
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
Car Radio FM/AM tuner IC built-in PLL synthesizer
logo
STMicroelectronics
TDA7541B STMICROELECTRONICS-TDA7541B Datasheet
935Kb / 77P
AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
22-Jul-2009
logo
NXP Semiconductors
TEF6862 PHILIPS-TEF6862_15 Datasheet
1Mb / 65P
Car Radio Enhanced Selectivity Tuner (CREST)
Rev. 01-14 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com