Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7512F Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 6Page - STMicroelectronics TDA7512F Datasheet HTML 7Page - STMicroelectronics TDA7512F Datasheet HTML 8Page - STMicroelectronics TDA7512F Datasheet HTML 9Page - STMicroelectronics TDA7512F Datasheet HTML 10Page - STMicroelectronics TDA7512F Datasheet HTML 11Page - STMicroelectronics TDA7512F Datasheet HTML 12Page - STMicroelectronics TDA7512F Datasheet HTML 13Page - STMicroelectronics TDA7512F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Electrical specifications
TDA7512F
10/45
Doc ID 12668 Rev 2
3
Electrical specifications
3.1
Thermal data
3.2
Absolute maximum ratings
3.3
Electrical characteristics
Tamb = +25 °C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1 = 8.5 V, fRF = 98 MHz,
dev. = 40 kHz, fMOD = 1 kHz, fIF1 = 10.7 MHz, fIF2 = 450 kHz, fXtal = 10.25 MHz, in application
circuit, unless otherwise specified.
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth(j-amb) Thermal resistance junction-to-ambient
68 max.
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Supply voltage
10.5
V
Tamb
Ambient temperature
-40 to 85
°C
Tstg
Storage temperature
-55 to +150
°C
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply
VCC1
Digital supply voltage
-
7.5
8.5
10
V
VCC2
Analog supply voltage
-
7.5
8.5
10
V
VCC3
Analog tuning voltage
-
7.5
8.5
10
V
VCCVCO
VCO supply voltage
-
7.5
8.5
10
V
VCCMIX1
MIX1 supply voltage
-
7.5
8.5
10
V
VCCIF1
IF1 supply voltage
-
7.5
8.5
10
V
ICC1
Supply current
-
-
7.5
-
mA
ICC2
Supply current
VCO:3
-
70
-
mA
ICC3
Supply current
-
-
2
-
mA
ICCVCO
Supply current
-
-
9
-
mA
ICCMIX1
Supply current
-
-
8
-
mA
ICCIF1
Supply current
-
-
6
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com