Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7529 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 10Page - STMicroelectronics TDA7529_11 Datasheet HTML 11Page - STMicroelectronics TDA7529_11 Datasheet HTML 12Page - STMicroelectronics TDA7529_11 Datasheet HTML 13Page - STMicroelectronics TDA7529_11 Datasheet HTML 14Page - STMicroelectronics TDA7529_11 Datasheet HTML 15Page - STMicroelectronics TDA7529_11 Datasheet HTML 16Page - STMicroelectronics TDA7529_11 Datasheet HTML 17Page - STMicroelectronics TDA7529_11 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Function description
TDA7529
14/61
Doc ID 13311 Rev 4
3.4
IF AGC and IF amplifier
The IF AGC system is controlled in AM with an average detector and in FM with a peak
detector, and reduces the mixer gain. The time constant is defined by two external
capacitors connected to TCIF1 and TCIF2 respectively, and programmable internal
currents.
The microcontroller can read the voltage at the AGC capacitors via the serial control
interface.
The IF amplifier gain is not affected by the on-chip IF-AGC but is meant to be controlled by
the back-end part of the system through pins IFAGC1 and IFAGC2. The gain is reduced in 6
dB steps starting from the programmed value "G" according to the following table:
3.5
Dividers
The mixer divider V is followed by a divide-by-4-stage that generates 0°/90°/-90° LO signals
for the IMR mixer (90°/-90° mode to switch between upper or lower side-band suppression
in the IMR mixer).
The main divider N can be operated in integer mode.
3.6
D/A converters
The front-end contains two D/A-converters for tuning the filters of the FM pre-stage. The
converters have a resolution of 9 bit.
Table 3.
IF AGC and IF amplifier
IFAGC2
IFAGC1
Gain
00
G
0
1
G - 6 dB
11
G - 12 dB
10
G - 18 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com