Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7529 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7529
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7529_11 Datasheet HTML 20Page - STMicroelectronics TDA7529_11 Datasheet HTML 21Page - STMicroelectronics TDA7529_11 Datasheet HTML 22Page - STMicroelectronics TDA7529_11 Datasheet HTML 23Page - STMicroelectronics TDA7529_11 Datasheet HTML 24Page - STMicroelectronics TDA7529_11 Datasheet HTML 25Page - STMicroelectronics TDA7529_11 Datasheet HTML 26Page - STMicroelectronics TDA7529_11 Datasheet HTML 27Page - STMicroelectronics TDA7529_11 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
Electrical specifications
TDA7529
24/61
Doc ID 13311 Rev 4
4.7
VCO
4.8
Reference frequency input buffer
4.9
Dividers
Table 14.
VCO
Symbol
Parameter
Test condition, comments
Min
Typ
Max
Units
-
Frequency range VCO
±8% tuning range
3430
4010
MHz
-
Phase Noise of LO
Free running VCO; values
referred @ 100MHz
@ 10 Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
-46
-76
-103
-40
-60
-86
-106
-dBc/Hz
-Deviation error
FM reception, de-emphasis
50µs, fNF=20Hz...20kHz @
min. VCO frequency
-8
-
Hz
Table 15.
Reference frequency input buffer
Symbol
Parameter
Test condition, comments
Min
Typ
Max
Units
Reference frequency input buffer mode
-
Max input voltage high
-
-
-
1475
mV
-
Min. input voltage low
-
925
-
-
mV
-
Input differential voltage
-
200
-
400
mV
-
Input impedance (xtal mode) -
150
-
-
k
Ω
-
Input impedance (lvds mode) -
10
-
-
k
Ω
-
Input voltage range
Single ended mode
200
-
1000
mVPP
Table 16.
Dividers
Symbol
Parameter
Test condition, comments
Min
Typ
Max
Units
Mixer divider V – integer values
NV
divider value divider_V
7 bit
5
-
131
-
Divide by 4 – generation of 0°/90°/-90° LO signal for IMR
-
I/Q phase error of divider
phase calibration in IMR
-0.5
-
0.5
DEG
Main divider N – integer divider
NN
divider value divider_N
21bit (32/33 pre scaler)
992
-
2097151
-
Reference divider R – integer values
NR
divider value divider_R
8 bit
1
-
255
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com