Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4999 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 3 Page - STMicroelectronics

  TS4999 Datasheet HTML 1Page - STMicroelectronics TS4999 Datasheet HTML 2Page - STMicroelectronics TS4999 Datasheet HTML 3Page - STMicroelectronics TS4999 Datasheet HTML 4Page - STMicroelectronics TS4999 Datasheet HTML 5Page - STMicroelectronics TS4999 Datasheet HTML 6Page - STMicroelectronics TS4999 Datasheet HTML 7Page - STMicroelectronics TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TS4999
Absolute maximum ratings
3/36
1
Absolute maximum ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltages values are measured with respect to the ground pin.
6V
Vin
Input voltage(2)
2.
The magnitude of input signal must never exceed VCC + 0.3 V / GND - 0.3 V
GND to VCC
V
Toper
Operating free air temperature range
-40 to + 85
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
3.
Device is protected in case of over temperature by a thermal shutdown active at 150° C.
200
°C/W
Pd
Power dissipation
Internally Limited(4)
4.
Exceeding the power derating curves during a long period, involves abnormal operating condition.
ESD
HBM: human body model(5)
5.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
ESD
MM: machine model(6)
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
Latch-up
Latch-up immunity
200
mA
VSTBY
Standby pin voltage maximum voltage
GND to VCC
V
Lead temperature (soldering, 10 secs)
260
°C
Output short-circuit protection(7)
7.
Implemented short-circuit protection protects the amplifier against damage by short-circuit between
positive and negative outputs of each channel and between outputs and ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com