Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4999 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4999
Description  Filter-free stereo 2.8 W class D audio power amplifier with selectable 3D sound effects
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4999 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4999 Datasheet HTML 1Page - STMicroelectronics TS4999 Datasheet HTML 2Page - STMicroelectronics TS4999 Datasheet HTML 3Page - STMicroelectronics TS4999 Datasheet HTML 4Page - STMicroelectronics TS4999 Datasheet HTML 5Page - STMicroelectronics TS4999 Datasheet HTML 6Page - STMicroelectronics TS4999 Datasheet HTML 7Page - STMicroelectronics TS4999 Datasheet HTML 8Page - STMicroelectronics TS4999 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Absolute maximum ratings
TS4999
4/36
Note:
When the 3D effect is switched on, both channels must be in operation or in shutdown mode
at the same time.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
For VCC from 2.4 to 2.5 V, the operating temperature range is reduced to 0° C ≤Tamb ≤70° C
2.4 to 5.5
V
Vin
Input voltage range
GND to VCC
VSTBY
Standby voltage input(2)
Device ON
Device OFF
2.
Without any signal on VSTBY, the device will be in standby (internal 300 kΩ (+/-20 %) pull down resistor)
1.4
≤VSTBY ≤VCC
GND
≤VSTBY ≤0.4(3)
3.
Minimum current consumption is obtained when VSTBY = GND
V
RL
Load resistor
≥4
Ω
VIH
G0, G1, 3D, High Level Input Voltage(4)
4.
Between G0, G1, 3D pins and GND, there is an internal 300 k
Ω (+/-20 %) pull-down resistor. When pins
are floating, the gain is 3.5 dB and 3D effect is off. In full standby (left and right channels OFF), these
resistors are disconnected (HiZ input).
1.4
≤VIH ≤VCC
V
VIL
G0, G1, 3D, Low Level Input Voltage
GND
≤VIL ≤0.4
V
Rthja
Thermal Resistance Junction to Ambient (5)
5.
With a 4-layer PCB.
90
°C/W
Table 3.
3D effect pin and STANDBY pins setting truth table
3D
STBYL
STBYR
3D Effect
Left channel
Right channel
0
0
0
X
STDBY
STDBY
001
OFF
STDBY
ON
010
OFF
ON
STDBY
011
OFF
ON
ON
1
0
0
X
STDBY
STDBY
1
0
1
N/A
N/A
N/A
1
1
0
N/A
N/A
N/A
1
1
1
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com