Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41ST85W Datasheet(PDF) 15 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M41ST85W_11 Datasheet HTML 11Page - STMicroelectronics M41ST85W_11 Datasheet HTML 12Page - STMicroelectronics M41ST85W_11 Datasheet HTML 13Page - STMicroelectronics M41ST85W_11 Datasheet HTML 14Page - STMicroelectronics M41ST85W_11 Datasheet HTML 15Page - STMicroelectronics M41ST85W_11 Datasheet HTML 16Page - STMicroelectronics M41ST85W_11 Datasheet HTML 17Page - STMicroelectronics M41ST85W_11 Datasheet HTML 18Page - STMicroelectronics M41ST85W_11 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
M41ST85W
Operating modes
Doc ID 7531 Rev 11
15/43
2.2
Read mode
In this mode the master reads the M41ST85W slave after setting the slave address (see
Figure 9). Following the WRITE mode control bit (R/W=0) and the acknowledge bit, the word
address 'An' is written to the on-chip address pointer. Next the START condition and slave
address are repeated followed by the READ mode control bit (R/W=1). At this point the
master transmitter becomes the master receiver.
The data byte which was addressed will be transmitted and the master receiver will send an
acknowledge bit to the slave transmitter (see Figure 10 on page 16). The address pointer is
only incremented on reception of an acknowledge clock. The M41ST85W slave transmitter
will now place the data byte at address An+1 on the bus, the master receiver reads and
acknowledges the new byte and the address pointer is incremented to An+2.
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 07h). The update will resume either due to a stop condition or when
the pointer increments to a non-clock or RAM address.
Note:
This is true both in READ mode and WRITE mode.
An alternate READ mode may also be implemented whereby the master reads the
M41ST85W slave without first writing to the (volatile) address pointer. The first address that
is read is the last one stored in the pointer (see Figure 11 on page 16).
Figure 9.
Slave address location
AI00602
R/W
SLAVE ADDRESS
START
A
0
100
0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com