Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41ST85W Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41ST85W_11 Datasheet HTML 27Page - STMicroelectronics M41ST85W_11 Datasheet HTML 28Page - STMicroelectronics M41ST85W_11 Datasheet HTML 29Page - STMicroelectronics M41ST85W_11 Datasheet HTML 30Page - STMicroelectronics M41ST85W_11 Datasheet HTML 31Page - STMicroelectronics M41ST85W_11 Datasheet HTML 32Page - STMicroelectronics M41ST85W_11 Datasheet HTML 33Page - STMicroelectronics M41ST85W_11 Datasheet HTML 34Page - STMicroelectronics M41ST85W_11 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
M41ST85W
DC and AC parameters
Doc ID 7531 Rev 11
31/43
Table 11.
DC characteristics
Sym
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6 V (except where noted).
M41ST85W
Unit
Min
Typ
Max
IBAT
(2)
2.
Measured with VOUT and ECON open.
Battery current OSC ON
TA = 25°C, VCC = 0 V, VBAT = 3 V
400
500
nA
Battery current OSC OFF
50
nA
ICC1
Supply current
f = 400 kHz
0.75
mA
ICC2
Supply current (standby)
SCL, SDA = VCC – 0.3 V
or VSS + 0.3 V
0.50
mA
ILI
(3)
3.
RSTIN1 and RSTIN2 internally pulled-up to VCC through 100 kΩ resistor. WDI internally pulled-down to VSS through
100 k
Ω resistor.
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
Input leakage current (PFI)
–25
2
25
nA
ILO
(4)
4.
Outputs deselected.
Output leakage current
0V
≤ VIN ≤ VCC
±1
µA
IOUT1
(5)
5.
External SRAM must match RTC supervisor chip VCC specification.
VOUT current (active)
VOUT1 > VCC – 0.3 V
100
mA
IOUT2
VOUT current (battery backup)
VOUT2 > VBAT – 0.3 V
100
µA
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VIL
Input low voltage
–0.3
0.3VCC
V
VBAT
Battery voltage
2.5
3.0
3.5(6)
6.
For rechargeable backup, VBAT (max) may be considered VCC.
V
VOH
Output high voltage(7)
7.
For PFO and SQW pins (CMOS).
IOH = –1.0 mA
2.4
V
Pull-up supply voltage (open drain)
RST, IRQ/FT/OUT
3.6
V
VOHB
(8)
8.
Conditioned output (ECON) can only sustain CMOS leakage current in the battery backup mode. Higher leakage currents
will reduce battery life.
VOH (battery backup)
IOUT2 = –1.0 µA
2.5
2.9
3.5
V
VOL
Output low voltage
IOL = 3.0 mA
0.4
V
Output low voltage (open drain)(9)
9.
For IRQ/FT/OUT, RST pins (open drain): if pulled-up to supply other than VCC, this supply must be equal to, or less than
3.0 V when VCC = 0 V (during battery backup mode).
IOL = 10 mA
0.4
V
VPFD
Power fail deselect
2.55
2.60
2.70
V
VPFI
PFI input threshold
VCC = 3 V(W)
1.225
1.250
1.275
V
PFI hysteresis
PFI rising
20
70
mV
VSO
Battery backup switchover
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com