Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 83Page - STMicroelectronics ST10F280_12 Datasheet HTML 84Page - STMicroelectronics ST10F280_12 Datasheet HTML 85Page - STMicroelectronics ST10F280_12 Datasheet HTML 86Page - STMicroelectronics ST10F280_12 Datasheet HTML 87Page - STMicroelectronics ST10F280_12 Datasheet HTML 88Page - STMicroelectronics ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics ST10F280_12 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 239 page
background image
ST10F280
PWM module
Doc ID 8673 Rev. 3
87/239
Figure 23.
Operation and output waveform in single shot mode
11.2.2
XPWM module registers
The XPWM module is controlled via two sets of registers. The waveforms are selected by
the channel specific registers XPTx (timer), XPPx (period) and XPWx (pulse width).
Three common registers control the operating modes and the general functions
(XPWMCON0 and XPWMCON1) of the PWM module as well as the interrupt behavior
(XP2IC).
Up/down counters XPTx
Each counter XPTx of a PWM channel is clocked either directly by the CPU clock or by the
CPU clock divided by 64. Bit PTIx in register XPWMCON0 selects the respective clock
source. A XPWM counter counts up or down (controlled by hardware), while its respective
run control bit PTRx is set. A timer is started (PTRx = ’1’) via software and is stopped (PTRx
= ’0’) either via hardware or software, depending on its operating mode. Control bit PTRx
enables or disables the clock input of counter XPTx rather than controlling the XPWM output
signal.
Note:
For the register locations please refer to the Table 15.
Table 16 summarizes the XPWM frequencies that result from various combinations of
operating mode, counter resolution (input clock) and pulse width resolution.
Period registers XPPx
The 16-bit period register XPPx of a XPWM channel determines the period of a PWM cycle,
i.e. the frequency of the PWM signal. This register is buffered with a shadow register. The
shadow register is loaded from the respective XPPx register at the beginning of every new



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com