Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F280 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 89Page - STMicroelectronics ST10F280_12 Datasheet HTML 90Page - STMicroelectronics ST10F280_12 Datasheet HTML 91Page - STMicroelectronics ST10F280_12 Datasheet HTML 92Page - STMicroelectronics ST10F280_12 Datasheet HTML 93Page - STMicroelectronics ST10F280_12 Datasheet HTML 94Page - STMicroelectronics ST10F280_12 Datasheet HTML 95Page - STMicroelectronics ST10F280_12 Datasheet HTML 96Page - STMicroelectronics ST10F280_12 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
93/239
12
Parallel ports
In order to accept or generate single external control signals or parallel data, the ST10F280
provides up to 143 parallel I/O lines, organized into two 16-bit I/O port (Port 2, XPort9), eight
8-bit I/O ports (PORT0 made of P0H and P0L, PORT1 made of P1H and P1L, Port 4, Port 6,
Port 7, Port 8), one 15-bit I/O port (Port 3) and two 16-bit input port (Port 5, XPort10).
These port lines may be used for general purpose Input/Output, controlled via software, or
may be used implicitly by ST10F280’s integrated peripherals or the External Bus Controller.
All port lines are bit addressable, and all input/output lines are individually (bit-wise)
programmable as inputs or outputs via direction registers (except Port 5, XPort10). The I/O
ports are true bidirectional ports which are switched to high impedance state when
configured as inputs. The output drivers of seven I/O ports (2, 3, 4, 6, 7, 8, 9) can be
configured (pin by pin) for push/pull operation or open-drain operation via ODPx control
registers.
The output driver of the pads are programmable to adapt the edge characteristics to the
application requirement and to improve the EMI behaviour.
This is possible using the POCONx registers for Ports P0L, P0H, P1L, P1H, P2, P3, P4, P6,
P7, P8. The output driver capabilities of ALE, RD and WR control lines are programmable
with the dedicated bits of POCON20 control register.
The input threshold levels are programmable (TTL/CMOS) for five ports (2, 3, 4, 7, 8) with
the PICON register control bits. The logic level of a pin is clocked into the input latch once
per state time, regardless whether the port is configured for input or output.
A write operation to a port pin configured as an input causes the value to be written into the
port output latch, while a read operation returns the latched state of the pin itself. A read-
modify-write operation reads the value of the pin, modifies it, and writes it back to the output
latch.
Writing to a pin configured as an output (DPx.y=‘1’) causes the output latch and the pin to
have the written value, since the output buffer is enabled. Reading this pin returns the value
of the output latch. A read-modify-write operation reads the value of the output latch,
modifies it, and writes it back to the output latch, thus also modifying the level at the pin.
Note:
The new I/O ports (XPort9, XPort10) are not mapped on the SFR space but on the internal
XBUS interface. The XPort9 and XPort10 are enabled by setting XPEN bit 2 of the SYSCON
register and bit 3 of the new XPERCON register. On the XBUS interface, the registers are
not bit-addressable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com